Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8007 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8007
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8007 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8007 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
Notes
1. The Audio Precision(AP) AUX-0025 low pass filter is necessary for class-D amplifier measurement
with AP analyzer.
2. Two 22µH inductors are used in series with load resistor to emulate the small speaker for effic iency
measurement.
Test Setup for Performance Testing(Class D)
Audio Precision
(AP) System
Generator
PAM8007 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System
Analyzer
GND
-OUT
VDD
Power Supply
Application Notice
1. When the PAM8007 works with LC filters, it
should be connected with the speaker before it's
powered on, otherwise it will be damaged easily.
2.
When the PAM8007 works without LC filters,
it's better to add a ferrite chip bead at the outgoing
line of speaker for suppressing the possible
electromagnetic interference.
3.
The absolute maximum rating of the PAM8007
operation voltage is 6.0V. When the PAM8007 is
powered with 4 battery cells, it should be noted
that the voltage of 4 new dry or alkaline batteries is
over 6V, higher than its maximum operation
voltage, which probably
m a k e t h e d e v i c e d a m a g e d . T h e r e f o r e , i t ' s
recommended to use either 4 Ni-MH (Nickel Metal
Hydride) rechargeable batteries or 3 dry or alkaline
batteries.
4.
The input signal should not be too high, if too
high ,it will cause the clipping of output signal when
increasing the volume. Because the DC volume
control of the PAM8007 has big gain, it will make
the device damaged.
5.
When testing the PAM8007 without LC filters
b y using resistor instead of speaker as the output
load, the test results, e.g. THD or efficiency, will be
worse than those using speaker as load.
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com