Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8010DHR Datasheet(PDF) 15 Page - Power Analog Micoelectronics

Part # PAM8010DHR
Description  3W Stereo Class-D with DC Volume, Headphone and Power Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8010DHR Datasheet(HTML) 15 Page - Power Analog Micoelectronics

Back Button PAM8010DHR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 12Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 13Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 14Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 15Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 16Page - Power Analog Micoelectronics PAM8010DHR Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Ordering Information
15
PackageType
PAM8010 X X X
Shipping
,
Power Analog Microelectronics Inc
Part Number
Package Type
Standard Package
PAM8010NHR
SSOP-24
2,500 Units/Tape & Reel
PAM8010DHR
SOP-24
1,000 Units/Tape & Reel
www.poweranalog.com
Number of Pins
PAM8010
3W Stereo Class-D with
DC Volume, Headphone and Power Limit
05/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com