Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8012 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8012
Description  Mono 2.0WAnti-saturation Class D Audio Power Amplifier with Power Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8012 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8012 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8012 Datasheet HTML 13Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
Ordering Information
Pin Configuration
PAM8012 X X X
Number of pins
Package Type
Pin Configuration
Package Type
Number of pins
A:
B:
A1: OUT+
1. PGND
A2: OUT-
2. OUT-
A3: GND
3. PL
B1: VDD
4. IN-
B2: EN
5. IN+
B3: PL
6. AGND
C1: VREF
7. VREF
C2: IN+
8. EN
C3: IN-
9. VDD
10.OUT+
Z: WCSP9
S: eMSOP10
N: 9
M: 10
Part Num ber
Marking
Package Type
MOQ
PAM8012AZN
BI
YW
WCSP9(1.3mm x 1.3mm)
3,000 Units/ Tape & Reel
PA M8012BSM
P8012
XXXYW
eMSOP10
2,500 Units/ Tape & Reel
PAM8012
Mono 2.0W Anti-saturation Class D
Audio Power Amplifier with Power Limit
06/2012 Rev1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com