| Electronic Components Datasheet Search |
|
PIC16F690IP Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690IP Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 306 page ![]() PIC16F631/677/685/687/689/690 DS41262E-page 20 © 2008 Microchip Technology Inc. TABLE 1-4: PINOUT DESCRIPTION – PIC16F687/PIC16F689 Name Function Input Type Output Type Description RA0/AN0/C1IN+/ICSPDAT/ ULPWU RA0 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN0 AN — A/D Channel 0 input. C1IN+ AN — Comparator C1 positive input. ICSPDAT TTL CMOS ICSP™ Data I/O. ULPWU AN — Ultra Low-Power Wake-up input. RA1/AN1/C12IN0-/VREF/ICSPCLK RA1 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN1 AN — A/D Channel 1 input. C12IN0- AN — Comparator C1 or C2 negative input. VREF AN — External Voltage Reference for A/D. ICSPCLK ST — ICSP™ clock. RA2/AN2/T0CKI/INT/C1OUT RA2 ST CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN2 AN — A/D Channel 2 input. T0CKI ST — Timer0 clock input. INT ST — External Interrupt. C1OUT — CMOS Comparator C1 output. RA3/MCLR/VPP RA3 TTL — General purpose input. Individually controlled interrupt-on-change. MCLR ST — Master Clear with internal pull-up. VPP HV — Programming voltage. RA4/AN3/T1G/OSC2/CLKOUT RA4 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN3 AN — A/D Channel 3 input. T1G ST — Timer1 gate input. OSC2 — XTAL Crystal/Resonator. CLKOUT — CMOS FOSC/4 output. RA5/T1CKI/OSC1/CLKIN RA5 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. T1CKI ST — Timer1 clock input. OSC1 XTAL — Crystal/Resonator. CLKIN ST — External clock input/RC oscillator connection. RB4/AN10/SDI/SDA RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN10 AN — A/D Channel 10 input. SDI ST — SPI data input. SDA ST OD I2C™ data input/output. RB5/AN11/RX/DT RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. AN11 AN — A/D Channel 11 input. RX ST — EUSART asynchronous input. DT ST CMOS EUSART synchronous data. Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |