Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F690IP Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 218Page - Microchip Technology PIC16F690IP Datasheet HTML 219Page - Microchip Technology PIC16F690IP Datasheet HTML 220Page - Microchip Technology PIC16F690IP Datasheet HTML 221Page - Microchip Technology PIC16F690IP Datasheet HTML 222Page - Microchip Technology PIC16F690IP Datasheet HTML 223Page - Microchip Technology PIC16F690IP Datasheet HTML 224Page - Microchip Technology PIC16F690IP Datasheet HTML 225Page - Microchip Technology PIC16F690IP Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 220
© 2008 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f,b
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, the next
instruction is executed.
If bit ‘b’ is ‘1’, then the next
instruction is discarded and a NOP
is executed instead, making this a
two-cycle instruction.
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Description:
Call Subroutine. First, return
address (PC + 1) is pushed onto
the stack. The eleven-bit
immediate address is loaded into
PC bits <10:0>. The upper bits of
the PC are loaded from PCLATH.
CALL
is a two-cycle instruction.
CLRF
Clear f
Syntax:
[ label ] CLRF
f
Operands:
0
≤ f ≤ 127
Operation:
00h
→ (f)
1
→ Z
Status Affected:
Z
Description:
The contents of register ‘f’ are
cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h
→ (W)
1
→ Z
Status Affected:
Z
Description:
W register is cleared. Zero bit (Z)
is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h
→ WDT
0
→ WDT prescaler,
1
→ TO
1
→ PD
Status Affected:
TO, PD
Description:
CLRWDT
instruction resets the
Watchdog Timer. It also resets the
prescaler of the WDT.
Status bits TO and PD are set.
COMF
Complement f
Syntax:
[ label ] COMF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f)
→ (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are
complemented. If ‘d’ is ‘0’, the
result is stored in W. If ‘d’ is ‘1’,
the result is stored back in
register ‘f’.
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) - 1
→ (destination)
Status Affected:
Z
Description:
Decrement register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com