Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8404 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8404
Description  3W/CH Filterless Stereo Class-D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8404 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8404 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8404 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Typical Operating Characteristics (T =25°C)
A
THD+N vs Output Power
R =8 , Gain=23dB, f=1kHz
L
Ω
THD+N vs Output Power
R =4 , Gain=23dB, f=1kHz
L
Ω
THD+N vs Frequency
P =0.5W, R =8 , C =1 F,Gain=23dB
OL
IN
Ωμ
THD+N vs Frequency
P =0.5W, R =4 , C =1 F,Gain=23dB
OL
IN
Ωμ
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
Efficiency vs Output Power
R=8
V =5V, L =22 H
LDD
Ω,
μ
Efficiency vs Output Power
R=4
V =5V, L =22 H
LDD
Ω,
μ
PAM8404
3W/CH Filterless Stereo Class-D Audio Amplifier
WCPS 2x2-16
10
20
30
40
50
60
70
80
90
0
200
400
600
800
1000
1200
1400
1600
Output Pow er(mW)
10
20
30
40
50
60
70
80
90
100
0
300
600
900
1200
1500
1800
2100
2400
Output Pow er(mW)
0.1
30
0.2
0.5
1
2
5
10
20
%
10m
4
20m50m
100m
200m
500m1
2
W
VDD=3.6V
VDD=5V
VDD=5.5V
0. 01
30
0. 02
0. 05
0.1
0.2
0.5
1
2
5
10
%
10m
4
20m50m
100m
200
m
500m1
2
W
VDD=3.6V
VDD=5V
VDD=5.5V
0. 01
30
0. 02
0. 05
0.1
0.2
0.5
1
2
5
10
20
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5.5V
VDD=5V
VDD=3.6V
0. 01
30
0. 02
0. 05
0. 1
0. 2
0. 5
1
2
5
10
20
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5.5V
VDD=5V
VDD=3.6V
03/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com