Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1755558 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1755558
Description  Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755558 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1755558 Datasheet HTML 1Page - PHOENIX CONTACT 1755558 Datasheet HTML 2Page - PHOENIX CONTACT 1755558 Datasheet HTML 3Page - PHOENIX CONTACT 1755558 Datasheet HTML 4Page - PHOENIX CONTACT 1755558 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 24, 2010
Extract from the online
catalog
 
MSTBVA 2,5/ 6-G
Order No.: 1755558
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755558
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 6, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918029135
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002878 KG
Catalog page information
Page 251 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5 mm
Dimension a
25 mm
Number of positions
6
Pin dimensions
1 x 1 mm


Similar Part No. - 1755558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755558 PHOENIX-1755558 Datasheet
97Kb / 3P
Header with side panels, plug-in direction vertical to the p.c.b.
1755558 PHOENIX-1755558 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1755558 PHOENIX-1755558 Datasheet
172Kb / 6P
MVSTBR 2,5/ 6-ST
1755558 PHOENIX-1755558 Datasheet
151Kb / 6P
MVSTBW 2,5/ 6-ST
More results

Similar Description - 1755558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLH16 PHOENIX-PLH16 Datasheet
189Kb / 6P
PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com