Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF03SIM02F2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF03SIM02F2
Description  3-line IPAD?? EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03SIM02F2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF03SIM02F2 Datasheet HTML 1Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 2Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 3Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 4Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 5Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 6Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 7Page - STMicroelectronics EMIF03SIM02F2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EMIF03-SIM02F2
Ordering information scheme
5/8
3
Ordering information scheme
Figure 12.
Ordering information scheme
4
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at
www.st.com.
Figure 13.
Package dimensions
EMIF
yy
-
xxx zz
Fx
EMI Filter
Number of lines
Information
Package
x = resistance value (Ohms)
z = capacitance value / 10(pF)
or
3 letters = application
2 digits = version
F = Flip Chip
x = 2: lead-free pitch = 500 µm, bump = 315 µm
1.39 mm ± 30 µm
315 µm ± 50
500 µm ± 50
650 µm ± 65
195 µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com