Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0243010 Datasheet(PDF) 1 Page - OptoSupply International

Part # AC0243010
Description  AWG#22 4-wire (Yellow, Green, Red, Blue) with 4-pin socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

AC0243010 Datasheet(HTML) 1 Page - OptoSupply International

  AC0243010 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Descriptions:
1
AWG#22 4-wire (Yellow, Green, Red, Blue) with 4-pin
socket
Application:
1
LSB1XS,LSB2XS,LSB3XS,LSBHXS
IP65 5050 RGB car light strip
Product Picture:
1
Product Dimensions:
1
units:mm
tolerance:±0.5mm
300mm
Yellow Green
red
Blue
Model No.
AC0243010
REV.
C1


Similar Part No. - AC0243010

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC0241020 OPTOSUPPLY-AC0241020 Datasheet
576Kb / 1P
AWG#26 4-wire(Black.Green.Red.Blue) cable(white)with 4-pin socket
More results

Similar Description - AC0243010

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
AC0141020 OPTOSUPPLY-AC0141020 Datasheet
575Kb / 1P
AWG#26 4-wire (Yellow, Green, Red, Blue) cable (white) with 4-pin - 1m.
AC0223010 OPTOSUPPLY-AC0223010 Datasheet
578Kb / 1P
AWG#22 2-wire (red and black) with 4-pin socket (3-pin short)
AC0223011 OPTOSUPPLY-AC0223011 Datasheet
576Kb / 1P
AWG#22 2-wire (red and black) with 2-pin socket -0.3m
AC0241020 OPTOSUPPLY-AC0241020 Datasheet
576Kb / 1P
AWG#26 4-wire(Black.Green.Red.Blue) cable(white)with 4-pin socket
AC0343510 OPTOSUPPLY-AC0343510 Datasheet
579Kb / 1P
AWG#22 4-wire cable with 4-way 2.54 terminal plug - 0.35m
AC1241020 OPTOSUPPLY-AC1241020 Datasheet
577Kb / 1P
4-pin socket to 4-way pins AWG#26 4-wire (Yellow, Green, Red, Blue) cable (white) ??1m.
AC1245010 OPTOSUPPLY-AC1245010 Datasheet
577Kb / 1P
4-pin socket to 4-way pins AWG#26 4-wire (Yellow, Green, Red, Blue) cable (white) ??0.5m.
logo
SparkFun Electronics
PRT-08023 SPARKFUN-PRT-08023 Datasheet
95Kb / 1P
Hook-up Wire - Red (22 AWG)
3/28/2017
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
Hook-up Wire - Yellow (22 AWG)
3/28/2017
PRT-08865 SPARKFUN-PRT-08865 Datasheet
97Kb / 1P
Hook-up Stranded Wire - Red (22 AWG)
3/28/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com