Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OELLP Datasheet(PDF) 1 Page - OptoSupply International

Part # OELLP
Description  1.5V LED Driver(VF:3.0V TYP.)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OELLP Datasheet(HTML) 1 Page - OptoSupply International

  OELLP Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.optosupply.hk
Ver. 2
Features:
‧ OELLP is a drive module for low-end LED lighting, mainly used 1PC batteries (AA & AAA batteries)
‧ Suitable for (white, Blue, Pure Green, UV and Pink).
‧ 1 ~ 5 LED parallel.
‧ Size:21×11mm
‧ 26# AWG High temperature wire
length: 40 mm
Maximum Rating (LED VF=3.0V):
Parameter
Symbol
Value(DC)
Units
Supply Voltage
Vin
1.5
V
Max Operation Current
Imax
230
mA
Operation Temperature Range
Top
-10 to 50
℃
Storage Temperature
Tstg
-20 to 85
℃
Electrical Characteristics
(LED VF=3.0V)-- DC (@TA=25℃):
Input Current (mA )
Output Current (mA)
Vi(V)
1-LED
3-LED 5-LED
1-LED
3-LED
5-LED
1.5
114
189
230
30
54
67
1.4
96
158
193
25
45
56
1.3
80
128
158
20
36
46
1.2
64
100
123
16
28
35
1.1
56
73
90
13
20
25
1.0
53
50
59
11
13
16
0.9
45
47
44
8
11
11
0.8
35
36
35
5
6
6
Product roadmap:


Similar Part No. - OELLP

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OELKP OPTOSUPPLY-OELKP Datasheet
37Kb / 1P
Weight 1.6g approximate
More results

Similar Description - OELLP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3220E SIPEX-SP3220E Datasheet
169Kb / 18P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220 SIPEX-SP3220 Datasheet
102Kb / 16P
3.0V to 5.5V RS-232 Driver/Receiver Pair
SP3220E SIPEX-SP3220E_05 Datasheet
478Kb / 21P
3.0V to 5.5V RS-232 Driver/Receiver Pair
logo
Integrated Device Techn...
ICS98UAE877A IDT-ICS98UAE877A Datasheet
331Kb / 18P
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
April 1, 2012
RN5RL RICOH-RN5RL_17 Datasheet
566Kb / 18P
Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
April 1, 2012
logo
Shenzhen Huazhimei Semi...
HM6203A HMSEMI-HM6203A Datasheet
366Kb / 3P
1.5V boost driver IC
logo
Renesas Technology Corp
ICS98UAE877A RENESAS-ICS98UAE877A Datasheet
408Kb / 17P
1.5V LOW-POWER WIDE-RANGE FREQUENCY CLOCK DRIVER
2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com