Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB232R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # UB232R
Description  USB Mini-B FT232R Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UB232R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button UB232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 10Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 11Page - Future Technology Devices International Ltd. UB232R Datasheet HTML 12Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document Reference No.: FT_000055
UB232R USB Mini-B FT232R Evaluation Module Datasheet Version 1.12
Clearance No.: FTDI# 43
Appendix A – FT232R EEPROM Configuration
This FT232R device within the UB232R module contains an EEPROM which contains the USB configuration
descriptors for that device. When the UB232R is plugged into a PC or a USB reset is performed, the PC
will read these descriptors. The default values stored into the internal EEPROM are defined in Table 6.1
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6001h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into
the EEPROM during device final test.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down on the
UART interface lines when the power is shut off (PWREN#
is high).
Manufacturer Name
FTDI
Product Description
UB232R
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT232R
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is be a USB 2.0 Full Speed device
(12Mb/s) as opposed to a USB 2.0 High Speed device
(480Mb/s).
Remote Wake Up
Enabled
Taking RI# low will wake up the USB host controller from
suspend.
High Current I/Os
Enabled
Enables the high drive level on the UART and CBUS I/O
pins.
Load VCP Driver
Disabled
Makes the device load the VCP driver interface for the
device.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Table 6.1 Default Internal EEPROM Configuration
The internal EEPROM in the FT232R can be re-programmed over USB using the utility program FT_PROG.
FT_PROG can be downloaded from the www.ftdichip.com. Users who do not have their own USB
Vendor ID but who would like to use a unique Product ID in their design can apply to FTDI for a free
block of unique PIDs. Contact FTDI support for this service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com