Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWC Datasheet(PDF) 2 Page - AVX Corporation

Part # TWC
Description  TWC-Y High Temperature Series COTS-Plus 200쨘C Wet Tantalum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TWC Datasheet(HTML) 2 Page - AVX Corporation

  TWC Datasheet HTML 1Page - AVX Corporation TWC Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80
■ MARCH 2013
TWC-Y High Temperature Series
COTS-Plus 200ºC Wet Tantalum
00
Termination
Finish
00 = Sn/Pb 60/40
*
Capacitance
Tolerance
M = ±20%
K = ±10%
C
ESR
C = Standard ESR
B
Case
Size
TWC
Type
Insulation Sleeve
C = Without Sleeve
S = With Sleeve
Y
Qualification
Y = High Temp.
Z
Reliability
Z = Non-ER
HOW TO ORDER
AVX PART NUMBER:
050
Voltage
Code
476
Capacitance
Code
pF code:
1st two digits
represent
significant
figures 3rd
digit represents
multiplier
(number of
zeros to follow)
00
Custom Test
Options
00 = Standard
Not RoHS Compliant
STANDARD RATINGS & PART NUMBER REFERENCE
Cap (μF)
DC Rated
DC Leakage (μA)
DF
ESR Max
Maximum Capacitance
Case Size
AVX Part Number
+25ºC
Voltage (V)
+25ºC
+85ºC
(Max)
(Ohms)
Change (%)
Standard
AVX
at 120Hz
at +85ºC
& +125ºC
at 120Hz
-55ºC
+85ºC
+125ºC
6 VDC at 85°C
4 VDC at 125°C
3.6 VDC at 200°C
TWCB147*006 CYZ0000
140
6
1
3
21
1.99
-40
14
16
T2
B
8 VDC at 85°C
5 VDC at 125°C
4.8 VDC at 200°C
TWCB127*008 CYZ0000
120
8
1
2
20
2.21
-44
17.5
20
T2
B
10 VDC at 85°C
7 VDC at 125°C
6 VDC at 200°C
TWCB107*010hCYZ0000
100
10
1
4
15
1.99
-36
14
16
T2
B
15 VDC at 85°C
10 VDC at 125°C
9 VDC at 200°C
TWCB706*015hCYZ0000
70
15
1
4
13
2.46
-28
14
16
T2
B
TWCD177*015hCYZ0000
170
15
2
10
25
1.95
-32
14
16
T3
D
25 VDC at 85°C
15 VDC at 125°C
15 VDC at 200°C
*TWCA686*025hCYZ0000
68
25
2
9
22
4.29
-40
12
15
T1
A
TWCB107*025hCYZ0000
100
25
1
10
15
1.99
-28
13
15
T2
B
TWCD187*025hCYZ0000
180
25
2
18
26
1.92
-48
13
15
T3
D
30 VDC at 85°C
20 VDC at 125°C
18 VDC at 200°C
*TWCA566*030hCYZ0000
56
30
2
9
22
5.21
-38
12
15
T1
A
TWCB686*030hCYZ0000
68
30
1
8
13
2.54
-24
13
15
T2
B
50 VDC at 85°C
30 VDC at 125°C
30 VDC at 200°C
*TWCA336*050hCYZ0000
33
50
2
9
12.3
4.95
-29
10
12
T1
A
TWCB476*050hCYZ0000
47
50
1
9
11
3.11
-28
13
15
T2
B
75V VDC at 85°C
50 VDC at 125°C
45 VDC at 200°C
*TWCA226*075hCYZ0000
22
75
3
12
8.5
5.13
-19
10
12
T1
A
100 VDC at 85°C 65
VDC at 125°C
60 VDC at 200°C
TWCB226*100hCYZ0000
22
100
1
9
7.5
4.52
-16
8
8
T2
B
TWCE127*100hCYZ0000
120
100
12
48
25
2.76
-35
15
17
T4
E
125 VDC at 85°C
85 VDC at 125°C
75 VDC at 200°C
TWCB276*125hCYZ0000
27
125
5
24
7.2
3.54
-18
12
15
T2
B
TWCE826*125hCYZ0000
82
125
12
48
17.4
2.82
-30
15
17
T4
E
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2V.
DCL is measured at rated voltage after 5 minutes.
Note: AVX reserves the right to supply higher voltage rating in the same case size to the same reliability standards.
*The T1 A case components will available shortly after the initial product release.
200°C LIFE TEST: Components are capable of 300 hours of operation at 200°C with the applicable 60% derated voltage.
Following the life test components which are stabilized at 25°C ± 5°C shall exhibit:
Leakage less than 200% the original requirement or ± 10uA (whichever is greater)
ESR not greater than 200% the original requirement
Capacitance increase less than 10% or decrease less than 20% the initial measurement



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com