Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA63 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSA63
Description  Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSA63 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSA63 Datasheet HTML 1Page - Motorola, Inc MPSA63 Datasheet HTML 2Page - Motorola, Inc MPSA63 Datasheet HTML 3Page - Motorola, Inc MPSA63 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPSA62 thru MPSA64
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
–1.0
2.0
TA = 125°C
25
°C
–55
°C
VCE = –2.0 V
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–100
–300
100
70
50
30
20
10
7.0
5.0
3.0
–0.3
–0.5
–0.7
–70
–200
–5.0 V
–10 V
IC, COLLECTOR CURRENT (mA)
Figure 2. “On” Voltage
–2.0
0
–0.3
TA = 25°C
VBE(on) @ VCE = –5.0 V
–1.6
–1.2
–0.8
–0.4
VCE(sat) @ IC/IB = 1000
IC/IB = 100
–0.5
–1.0
–2 –3 –5
–10
–20 –30 –50
–100 –200 –300
IB, BASE CURRENT (µA)
Figure 3. Collector Saturation Region
–2.0
–0.6
TA = 25°C
IC =
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.1–0.2
–1 –2
–5 –10 –20 –50 –100–200 –500
–0.5
–1K–2K
–10K
–10 mA –50 mA –100 mA –175 mA
–300 mA
10
4.0
3.0
2.0
0.1
Figure 4. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = –5.0 V
f = 100 MHz
TA = 25°C
1.0
0.4
0.2
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500
–1K
VCE, COLLECTOR VOLTAGE (VOLTS)
–6.0
–10
–20
Figure 5. Active Region, Safe Operating Area
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
–300
–200
–100
–50
–20
–10
–40 –60
100
µs
1.0 ms
TA = 25°C
–1000
(DUTY CYCLE
≤ 10%)
1.0 s
TC = 25°C
MPSA62
–1.0
–2.0
–4.0
MPSA63
VBE(sat) @ IC/IB = 100
–5K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com