Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7740 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-7740
Description  Reflective Optical Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7740 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-7740 Datasheet HTML 1Page - OSRAM GmbH SFH-7740 Datasheet HTML 2Page - OSRAM GmbH SFH-7740 Datasheet HTML 3Page - OSRAM GmbH SFH-7740 Datasheet HTML 4Page - OSRAM GmbH SFH-7740 Datasheet HTML 5Page - OSRAM GmbH SFH-7740 Datasheet HTML 6Page - OSRAM GmbH SFH-7740 Datasheet HTML 7Page - OSRAM GmbH SFH-7740 Datasheet HTML 8Page - OSRAM GmbH SFH-7740 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SFH 7740
Reflexlichtschranke
Reflective Optical Switch
Lead (Pb) Free Product - RoHS Compliant
2009-01-14
1
Wesentliche Merkmale
• Arbeitsabstand: 0.5 - 4 mm
• Arbeitsbereich einstellbar
• Optohybrid mit Schmitt-Trigger Ausgang, open
drain
• Extrem niedriger Stromverbrauch
• Sehr kleines SMD Gehäuse
• Hohe Umgebungslicht Unterdrückung
Anwendungen
• Positionserkennung von Abdeckungen für
Batteriefächer, Foto-Objektiven usw.
• Mobile Geräte
Typ
Type
Bestellnummer
Ordering Code
SFH 7740
Q65110A6668
Features
• Working distance: 0.5 - 4 mm
• Working range adjustable
• Opto hybrid with Schmitt trigger output, open
drain
• Extremly low power consumption
• Very small SMD package
• High ambient light suppression
Applications
• Position detection of sliding covers for
battery-cases, camera lenses ect.
• Mobile devices
An application note is available for this product.
Please contact your appropriate OSRAM sales partner


Similar Part No. - SFH-7740

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7741 OSRAM-SFH-7741 Datasheet
334Kb / 17P
Proximity Sensor
SFH-7743 OSRAM-SFH-7743 Datasheet
435Kb / 13P
Digitaler N채herungsdetektor mit integriertem Sender Treiber
More results

Similar Description - SFH-7740

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
Optical Reflective Sensors
HEDS-1200 HP-HEDS-1200 Datasheet
158Kb / 8P
Optical Reflective Sensors
logo
Marktech Corporate
MTRS9030 MARKTECH-MTRS9030 Datasheet
112Kb / 3P
REFLECTIVE SWITCH?
MTRS8307L MARKTECH-MTRS8307L Datasheet
399Kb / 3P
Reflective Switch
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
REFLECTIVE OPTICAL SWITCHES
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
SMD Reflective Optical Sensor
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
Optical Reflective Sensor
logo
OSRAM GmbH
SFH7740 OSRAM-SFH7740 Datasheet
432Kb / 14P
Reflexlichtschranke Reflective Optical Switch
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
Optical Reflective Sensor
logo
KODENSHI_AUE CORP.
KEIRY006C KODENSHI_-KEIRY006C Datasheet
141Kb / 2P
Reflective Type (Optical Switch Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com