| Electronic Components Datasheet Search |
|
SE23 Datasheet(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SE23 Datasheet(HTML) 24 Page - Microchip Technology |
|
24 / 478 page ![]() PIC16(L)F1946/1947 DS41414D-page 24 2010-2012 Microchip Technology Inc. 3.1.1.2 Indirect Read with FSR The program memory can be accessed as data by set- ting bit 7 of the FSRxH register and reading the match- ing INDFx register. The MOVIW instruction will place the lower 8 bits of the addressed word in the W register. Writes to the program memory cannot be performed via the INDF registers. Instructions that access the pro- gram memory via the FSR require one extra instruction cycle to complete. Example 3-2 demonstrates access- ing the program memory via an FSR. The HIGH directive will set bit<7> if a label points to a location in program memory. EXAMPLE 3-2: ACCESSING PROGRAM MEMORY VIA FSR 3.2 Data Memory Organization The data memory is partitioned in 32 memory banks with 128 bytes in a bank. Each bank consists of (Figure 3-3): • 12 core registers • 20 Special Function Registers (SFR) • Up to 80 bytes of General Purpose RAM (GPR) • 16 bytes of common RAM The active bank is selected by writing the bank number into the Bank Select Register (BSR). Unimplemented memory will read as ‘0’. All data memory can be accessed either directly (via instructions that use the file registers) or indirectly via the two File Select Registers (FSR). See Section 3.6 “Indirect Addressing” for more information. Data Memory uses a 12-bit address. The upper 7-bits of the address define the Bank address and the lower 5-bits select the registers/RAM in that bank. 3.2.1 CORE REGISTERS The core registers contain the registers that directly affect the basic operation. The core registers occupy the first 12 addresses of every data memory bank (addresses x00h/x08h through x0Bh/x8Bh). These reg- isters are listed below in Table 3-2. For detailed infor- mation, see Table 3-4. TABLE 3-2: CORE REGISTERS constants RETLW DATA0 ;Index0 data RETLW DATA1 ;Index1 data RETLW DATA2 RETLW DATA3 my_function ;… LOTS OF CODE… MOVLW LOW constants MOVWF FSR1L MOVLW HIGH constants MOVWF FSR1H MOVIW 0[FSR1] ;THE PROGRAM MEMORY IS IN W Addresses BANKx x00h or x80h INDF0 x01h or x81h INDF1 x02h or x82h PCL x03h or x83h STATUS x04h or x84h FSR0L x05h or x85h FSR0H x06h or x86h FSR1L x07h or x87h FSR1H x08h or x88h BSR x09h or x89h WREG x0Ah or x8Ah PCLATH x0Bh or x8Bh INTCON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |