Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP102 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP102
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP102 Datasheet HTML 20Page - Microchip Technology MCP102 Datasheet HTML 21Page - Microchip Technology MCP102 Datasheet HTML 22Page - Microchip Technology MCP102 Datasheet HTML 23Page - Microchip Technology MCP102 Datasheet HTML 24Page - Microchip Technology MCP102 Datasheet HTML 25Page - Microchip Technology MCP102 Datasheet HTML 26Page - Microchip Technology MCP102 Datasheet HTML 27Page - Microchip Technology MCP102 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2004-2013 Microchip Technology Inc.
DS21906C-page 25
MCP102/103/121/131
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP102: MicroPower Voltage Supervisor, push-pull
MCP102T: MicroPower Voltage Supervisor, push-pull
(Tape and Reel)
MCP103: MicroPower Voltage Supervisor, push-pull
MCP103T: MicroPower Voltage Supervisor, push-pull
(Tape and Reel)
MCP121
MicroPower Voltage Supervisor, open-drain
MCP121T: MicroPower Voltage Supervisor, open-drain
(Tape and Reel)
MCP131
MicroPower Voltage Supervisor, open-drain
MCP131T: MicroPower Voltage Supervisor, open-drain
(Tape and Reel)
Monitoring Options:
195 = 1.90V
240 = 2.32V
270 = 2.63V
300 = 2.93V
315 = 3.08V
450 = 4.38V
475 = 4.63V
Temperature Range:
I
= -40°C to +85°C (MCP11X-195 only)
E
= -40°C to +125°C (Except MCP11X-195 only)
Package:
TT
= SOT-23B, 3-lead
LB
= SC-70, 3-lead
TO
= TO-92, 3-lead
PART NO.
XXX
X
Temperature
Monitoring
Options
Device
Examples:
a)
MCP102T-195I/TT: Tape and Reel,
1.95V MicroPower
Voltage Supervisor,
push-pull, -40°C to +85°C,
SOT-23B-3 package.
b)
MCP102-300E/TO: 3.00V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
TO-92-3 package.
a)
MCP103T-270E/TT: Tape and Reel,
2.70V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
SOT-23B-3 package.
b)
MCP103T-475E/LB: Tape and Reel,
4.75V MicroPower
Voltage Supervisor,
push-pull,
-40°C to +125°C,
SC-70-3 package.
a)
MCP121T-315I/LB: Tape and Reel,
3.15V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
SC-70-3 package.
b)
MCP121-300E/TO: 3.00V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
TO-92-3 package.
a)
MCP131T-195I/TT: Tape and Reel,
1.95V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +85°C,
SOT-23B-3 package.
b)
MCP131-300E/TO: 3.00V MicroPower
Voltage Supervisor,
open-drain,
-40°C to +125°C,
TO-92-3 package.
Range
XX
Package
X
Tape/Reel
Option
–
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com