Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1827S Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1827S
Description  1.5A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827S Datasheet(HTML) 2 Page - Microchip Technology

  MCP1827S Datasheet HTML 1Page - Microchip Technology MCP1827S Datasheet HTML 2Page - Microchip Technology MCP1827S Datasheet HTML 3Page - Microchip Technology MCP1827S Datasheet HTML 4Page - Microchip Technology MCP1827S Datasheet HTML 5Page - Microchip Technology MCP1827S Datasheet HTML 6Page - Microchip Technology MCP1827S Datasheet HTML 7Page - Microchip Technology MCP1827S Datasheet HTML 8Page - Microchip Technology MCP1827S Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP1827/MCP1827S
DS22001D-page 2
 2006-2013 Microchip Technology Inc.
Typical Application
MCP1827 Adjustable Output Voltage
MCP1827 Fixed Output Voltage
VOUT = 1.8V @ 1A
VIN = 2.3V to 2.8V
On
Off
1µF
100 k
4.7 µF
C1
C2
R1
SHDN
VIN
GND
VOUT
PWRGD
20 k
R2
VADJ
123 4 5
VOUT = 1.2V @ 1A
VIN = 2.3V to 2.8V
On
Off
1µF
40 k
4.7 µF
C1
C2
R1
SHDN
VIN
GND
VOUT
123 4 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com