Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4661 Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP4661
Description  7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4661 Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP4661 Datasheet HTML 93Page - Microchip Technology MCP4661 Datasheet HTML 94Page - Microchip Technology MCP4661 Datasheet HTML 95Page - Microchip Technology MCP4661 Datasheet HTML 96Page - Microchip Technology MCP4661 Datasheet HTML 97Page - Microchip Technology MCP4661 Datasheet HTML 98Page - Microchip Technology MCP4661 Datasheet HTML 99Page - Microchip Technology MCP4661 Datasheet HTML 100Page - Microchip Technology MCP4661 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
 2008-2012 Microchip Technology Inc.
DS22107B-page 97
MCP454X/456X/464X/466X
APPENDIX A:
REVISION HISTORY
Revision B (February 2013)
The following is the list of modifications:
1.
Updated the DFN package pinout on page 1.
2.
Updated the Absolute Maximum Ratings† page
format and added Total Power Dissipation
values for each package type.
3.
Updated the typical thermal package resistance
values for the 8L-DFN (3x3) and 8L-SOIC pack-
ages in the Temperature characteristics table.
4.
Added new Figure 2-59 to Section 2.1 “Test
Circuits”.
5.
Corrected values in Figure 5-1.
6.
Added description of wiper value on POR/BOR
(Section 5.2 “Wiper”).
7.
Removed Section 8.1.
8.
Added Section 8.4 “Implementing Log Steps
with a Linear Digital Potentiometer”.
9.
Added Section 8.5.2.2 “Footprint Compatibil-
ity”.
10. Added Section 8.5.2.3 “PCB Area Require-
ments”.
11. Updated Table 8-2.
12. Enhanced the listing of development tools and
technical
documentation
in
Section 10.0
“Development support”.
13. Updated Table 10-1 and Table 10-2.
14. Updated Section 11.0 “Packaging Informa-
tion” with package available landing pattern
diagrams.
Revision A (November 2008)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com