Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73114 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 5Page - Microchip Technology MCP73114 Datasheet HTML 6Page - Microchip Technology MCP73114 Datasheet HTML 7Page - Microchip Technology MCP73114 Datasheet HTML 8Page - Microchip Technology MCP73114 Datasheet HTML 9Page - Microchip Technology MCP73114 Datasheet HTML 10Page - Microchip Technology MCP73114 Datasheet HTML 11Page - Microchip Technology MCP73114 Datasheet HTML 12Page - Microchip Technology MCP73114 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2009-2013 Microchip Technology Inc.
DS22183D-page 9
MCP73113/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = [VREG(Typical) + 1V], IOUT = 50 mA and TA= +25°C, Constant-Voltage mode.
FIGURE 2-1:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-2:
Battery Regulation Voltage
(VBAT) vs. Supply Voltage (VDD).
FIGURE 2-3:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-4:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-5:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-6:
Charge Current (IOUT) vs.
Supply Voltage (VDD).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
4.5
4.8
5.0
5.3
5.5
5.8
6.0
Supply Voltage (V)
ILOAD = 50 mA
VBAT = 4.2V
TA = +25 C
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
ILOAD = 150 mA
VBAT = 4.2V
TA = +25°C
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
-5
5
152535
4555
Ambient Temperature (°C)
ILOAD = 50 mA
VDD = 5.2V
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
4.215
4.220
-5
5
152535
4555
Ambient Temperature (°C)
ILOAD = 150 mA
VDD = 5.2V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1 2 3 4 5 6 7 8 9 1011121314151617181920
Programming Resistor (kΩ)
VDD = 5.2V
TA = +25°C
750
770
790
810
830
850
870
890
910
930
950
4.54.8
5.15.4
5.7
6.0
Supply Voltage (V)
RPROG = 1.33 kΩ
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com