Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73841 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73841
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73841 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73841_13 Datasheet HTML 1Page - Microchip Technology MCP73841_13 Datasheet HTML 2Page - Microchip Technology MCP73841_13 Datasheet HTML 3Page - Microchip Technology MCP73841_13 Datasheet HTML 4Page - Microchip Technology MCP73841_13 Datasheet HTML 5Page - Microchip Technology MCP73841_13 Datasheet HTML 6Page - Microchip Technology MCP73841_13 Datasheet HTML 7Page - Microchip Technology MCP73841_13 Datasheet HTML 8Page - Microchip Technology MCP73841_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2003-2013 Microchip Technology Inc.
DS21823D-page 1
MCP73841/2/3/4
Features
• Linear Charge Management Controllers
• High-Accuracy Preset Voltage Regulation:
-+ 0.5% (max)
• Four Preset Voltage Regulation Options:
- 4.1V - MCP73841-4.1, MCP73843-4.1
- 4.2V - MCP73841-4.2, MCP73843-4.2
- 8.2V - MCP73842-8.2, MCP73844-8.2
- 8.4V - MCP73842-8.4, MCP73844-8.4
• Programmable Charge Current
• Programmable Safety Charge Timers
• Preconditioning of Deeply Depleted Cells
• Automatic End-of-Charge Control
• Optional Continuous Cell Temperature
Monitoring (MCP73841 and MCP73842)
• Charge Status Output for Direct LED Drive
• Automatic Power-Down when Input Power
Removed
• Temperature Range: -40°C to 85°C
• Packaging: MSOP-10 - MCP73841, MCP73842
MSOP-8 - MCP73843, MCP73844
Applications
• Lithium-Ion/Lithium-Polymer Battery Chargers
• Personal Data Assistants
• Cellular Telephones
• Hand-Held Instruments
• Cradle Chargers
•Digital Cameras
• MP3 Players
Typical Application Circuit
Description
The MCP7384X family of devices are highly advanced
linear charge management controllers for use in
space-limited,
cost-sensitive
applications.
The
MCP73841 and MCP73842 combine high accuracy,
constant-voltage, constant-current regulation, cell pre-
conditioning, cell temperature monitoring, advanced
safety timers, automatic charge termination and
charge status indication in space-saving, 10-pin
MSOP packages. The MCP73841 and MCP73842
provide complete, fully-functional, stand-alone charge
management solutions.
The MCP73843 and MCP73844 employ all the
features of the MCP73841 and MCP73842, with the
exception of the cell temperature monitor. The
MCP73843 and MCP73844 are offered in 8-pin MSOP
packages.
The MCP73841 and MCP73843 are designed for
applications utilizing single-cell Lithium-Ion or Lithium-
Polymer battery packs. Two preset voltage regulation
options are available (4.1V and 4.2V) for use with either
coke or graphite anodes. The MCP73841 and
MCP73843 operate with an input voltage range of 4.5V
to 12V.
The MCP73842 and MCP73844 are designed for
applications utilizing dual series cell Lithium-Ion or
Lithium-Polymer battery packs. Two preset voltage
regulation options are available (8.2V and 8.4V). The
MCP73842 and MCP73844 operate with an input
voltage range of 8.7V to 12V.
The MCP7384X family of devices are fully specified
over the ambient temperature range of -40°C to +85°C.
Package Types
+
-
VSS
DRV
SENSE
VDD
VBAT
STAT1
36
7
1
2
MCP73843
8
10 µF
10 µF
100 k
100 m
5V
Single
Lithium-Ion
Cell
NDS8434
MA2Q705
1A Lithium-Ion Battery Charger
EN
5
TIMER
4
0.1 µF
10-Pin MSOP
SENSE
VDD
STAT1
EN
DRV
VBAT
VSS
TIMER
1
2
3
4
8
7
6
5
8-Pin MSOP
VDD
STAT1
EN
THREF
VBAT
VSS
TIMER
THERM
2
3
4
5
9
8
7
6
SENSE
DRV
1
10
Advanced Single or Dual Cell Lithium-Ion/
Lithium-Polymer Charge Management Controllers


Similar Part No. - MCP73841_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73841-410I/MS MICROCHIP-MCP73841-410I/MS Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
MCP73841-410I/UN MICROCHIP-MCP73841-410I/UN Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
MCP73841-420I/MS MICROCHIP-MCP73841-420I/MS Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
MCP73841-420I/UN MICROCHIP-MCP73841-420I/UN Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
MCP73841-820I/MS MICROCHIP-MCP73841-820I/MS Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
More results

Similar Description - MCP73841_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
422Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
2002-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
11/29/12
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Microchip Technology
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com