Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73844 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 4Page - Microchip Technology MCP73844 Datasheet HTML 5Page - Microchip Technology MCP73844 Datasheet HTML 6Page - Microchip Technology MCP73844 Datasheet HTML 7Page - Microchip Technology MCP73844 Datasheet HTML 8Page - Microchip Technology MCP73844 Datasheet HTML 9Page - Microchip Technology MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology MCP73844 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP73841/2/3/4
DS21823D-page 8
 2003-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA and TA= +25°C.
FIGURE 2-13:
Output Reverse Leakage
Current (IDISCHARGE) vs. Battery Voltage (VBAT).
FIGURE 2-14:
Thermistor Reference
Voltage (VTHREF) vs. Thermistor Bias Current
(ITHREF).
FIGURE 2-15:
Thermistor Reference
Voltage (VTHREF) vs. Supply Voltage (VDD).
FIGURE 2-16:
Output Reverse Leakage
Current (IDISCHARGE) vs. Battery Voltage (VBAT).
FIGURE 2-17:
Thermistor Reference
Voltage (VTHREF) vs. Thermistor Bias Current
(ITHREF).
FIGURE 2-18:
Thermistor Reference
Voltage (VTHREF) vs. Supply Voltage (VDD).
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2
VBAT (V)
+25°C
+85°C
-45°C
MCP73841-4.2V
V
DD = Float
2.540
2.542
2.544
2.546
2.548
2.550
2.552
2.554
2.556
2.558
2.560
0
25
50
75
100
125
150
175
200
ITHREF (µA)
+85°C
+25°C
-45°C
MCP73841-4.2V
VDD = 5.2 V
2.540
2.544
2.548
2.552
2.556
2.560
2.564
2.568
4.5
6.0
7.5
9.0
10.5
12.0
VDD (V)
+85°C
+25°C
-45°C
MCP73841-4.2V
ITHREF = 100 µA
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
4.0 4.4 4.8 5.2 5.6 6.0 6.4 6.8 7.2 7.6 8.0 8.4
VBAT (V)
MCP73842-8.4V
V
DD = Float
-45°C
+25°C
+85°C
2.540
2.542
2.544
2.546
2.548
2.550
2.552
2.554
2.556
2.558
2.560
0
25
50
75
100
125
150
175
200
ITHREF (µA)
+25°C
+85°C
-45°C
MCP73842-8.4V
V
DD = 9.4 V
2.540
2.544
2.548
2.552
2.556
2.560
2.564
2.568
8.8
9.2
9.6
10.0 10.4 10.8 11.2 11.6 12.0
VDD (V)
MCP73842-8.4V
I
THREF = 100 µA
+85°C
+25°C
-45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com