Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2042274-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2042274-2
Description  Power Connectors & Interconnection Systems
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2042274-2 Datasheet(HTML) 2 Page - Tyco Electronics

  2042274-2 Datasheet HTML 1Page - Tyco Electronics 2042274-2 Datasheet HTML 2Page - Tyco Electronics 2042274-2 Datasheet HTML 3Page - Tyco Electronics 2042274-2 Datasheet HTML 4Page - Tyco Electronics 2042274-2 Datasheet HTML 5Page - Tyco Electronics 2042274-2 Datasheet HTML 6Page - Tyco Electronics 2042274-2 Datasheet HTML 7Page - Tyco Electronics 2042274-2 Datasheet HTML 8Page - Tyco Electronics 2042274-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 111 page
background image
63
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
ELCON Drawer Series Connectors
True Hot-Plug, Blind-Mating Mixed Signal and Power Connectors (Continued)
Probe-proof Double
CROWN BAND Contacts
The size #0 contacts used
in the Top Drawer, Double
Drawer, DualPower and
QuadPower connectors
are also available in a
probe-proof double
CROWN BAND version.
These contacts are spe-
cially suited for operator-
serviced power supplies
that require extra safety
protection.
Signal/Power Sequencing
All signal and some power
contacts are available in
various lengths to allow
multiple levels of sequenc-
ing, thus giving the engineer
further design flexibility.
Mating Polarization
To provide for positive
housing mating of
connectors, polarization
is provided in the form of
molded-in guide posts or
pre-installed guide pins.
Regulatory Agency
Certifications
Tyco Electronics ELCON
drawer series connectors
have been evaluated and
found to comply with the
UL1977 standard and the
CSA standard C22.2 No.
182.3-M1987.
Tyco Electronics can also
work with the customer to
obtain application-specific
regulatory certifications if
needed.
Wide Array of
Standard Contacts
ELCON drawer connectors
support various termination
styles, including crimp for
cable, solder tail and com-
pliant press-fit for mounting
to PCB, and internal/
external threads for termina-
tion to lugs and/or busbars.
See table below for details.
Termination
Contact Size
PC Tail
Press-fit
Crimp
Threaded
Internal
External
#20
•••
#16
•••
#12
•••
#8
•••••
#4
•••
#0
•••
Application-Specific Designs
If none of our standard
drawer connectors
satisfies your requirements,
Tyco Electronics can
develop an ELCON con-
nector design specific to
your application. We will
work closely with your engi-
neers to fully understand
the design requirements
and develop an intercon-
nect solution that meets
your stated needs. After the
concept and design stages,
Tyco Electronics produces
prototypes that perform
both electrically and
mechanically the same as
production parts. These
machined parts are used
for testing, regulatory
agency evaluations and
even as pre-production
components, allowing the
shortest lead time from
concept to manufacturing
in the industry.
Concept
Tyco Electronics engineers
work closely with the cus-
tomer to fully understand
the design requirements.
Design
A sketch drawing of the
design concept is created
for customer review, and the
design is finalized only when
it fully meets the require-
ments of the customer.
Prototypes
The design is frozen and
work on the mold tools starts.
Meanwhile, Tyco Electronics
builds prototypes that are
identical to the production
parts.
Production
By the time the customer
is ready for production, all
requirements for release
to production, such as
qualification and regulatory
agency approval, have
been cleared.
3 mm Diameter Test Probe in
Accordance with IEC 435
Protective Cap (insulator)
CUS
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com