Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 99 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 99 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 95Page - SPANSION S29GL01GS Datasheet HTML 96Page - SPANSION S29GL01GS Datasheet HTML 97Page - SPANSION S29GL01GS Datasheet HTML 98Page - SPANSION S29GL01GS Datasheet HTML 99Page - SPANSION S29GL01GS Datasheet HTML 100Page - SPANSION S29GL01GS Datasheet HTML 101Page - SPANSION S29GL01GS Datasheet HTML 102Page - SPANSION S29GL01GS Datasheet HTML 103Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
December 21, 2012 S29GL_128S_01GS_00_07
GL-S MirrorBit® Family
99
Data
She e t
The ordering part number for the General Market device is formed by a valid combination of the following:
S29GL01GS
10
D
H
I
01
0
Packing Type
0= Tray
3
= 13” Tape and Reel
Model Number (VIO and VCC Range)
01 = VIO = VCC = 2.7 to 3.6V, highest address sector protected
02 = VIO = VCC = 2.7 to 3.6V, lowest address sector protected
V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6V, highest address sector protected
V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6V, lowest address sector protected
Temperature Range
I
= Industrial (-40°C to +85°C)
V = In Cabin (-40°C to +105°C)
Package Materials Set
F
= Lead Free (Pb-Free)
H = Low Halogen, Pb-Free
Package Type
D = Fortified Ball-Grid Array Package (LAE064) 9 mm x 9 mm
F
= Fortified Ball-Grid Array Package (LAA064) 13 mm x 11 mm
G = Fortified Ball-Grid Array Package (VBU056) 9 mm x 7 mm
T
= Thin Small Outline Package (TSOP) Standard Pinout
Speed Option
90 = 90 ns random access time
10 = 100 ns random access time
11 = 110 ns random access time
12 = 120 ns random access time
Device Number/Description
S29GL01GS, S29GL512S, S29GL256S, S29GL128S
3.0 Volt Core, with VIO Option, 1024, 512, 256, 128 Megabit Page-Mode Flash Memory,
Manufactured on 65 nm MirrorBit Eclipse Process Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com