| Electronic Components Datasheet Search |
|
QG80331M667 Datasheet(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
QG80331M667 Datasheet(HTML) 51 Page - Intel Corporation |
|
51 / 67 page ![]() Specification Update 51 Intel® 80331 I/O Processor Specification Clarifications Specification Clarifications 1. 64 MB and 2 GB DDR333 capacities not to be tested in post-silicon validation Issue: Intel is not able to test 64 MB and 2 GB DDR333 DIMMs due to availability. Intel cannot guarantee proper functionality since validation cannot be completed. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 2. DDR-II 400 Unbuffered DIMMs are not supported Issue: The Intel® 80331 I/O processor (80331) supports DDR333 buffered (registered) and unbuffered DIMMs, but only supports DDR-II 400 buffered (registered) DIMMs. DDR-II 400 unbuffered DIMMs are not supported. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 3. Interrupt behavior in the 80331 no bridge mode Issue: When in the 80331 No Bridge Mode (BRG_EN = 0), the external interrupts behave just like when the bridge is enabled in the 80331 (BRG_EN = 1), in that the S_INT[D:A]# interrupt inputs can be forwarded to the P_INT[D:A]# interrupt outputs. The only difference between the two modes is how the internal Messaging Unit interrupt is forwarded. In the 80331 Mode, it is forwarded to P_INTC#, and in the 80331 No Bridge Mode it is forwarded on P_INTA#. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 4. Memory map for 2 GByte of DDR memory Issue: The 80331 can support up to 2Gbytes of DDR SDRAM, but it cannot cross a 2GB boundary, therefore it must be mapped to either 0x00000000 - 0x7fffffff or 0x80000000 - 0xffffffff. Either range conflicts with one or more of the statically assigned regions. The recommendation is to disable the direct outbound ATU window, in order to use the larger 2GB memory, by clearing ATUCR.8 (default setting is ‘0’ - disabled). Status: No Fix. See the Table , “Summary Table of Changes” on page 9. 5. Back to back MCU MMR reads Issue: The memory controller unit (MCU) returns the wrong memory mapped register (MMR) read data, when two MMR read transactions are enqueued into the transaction queues at the same time. This cannot happen from the BIU port as mapping the MMRs to this space is illegal. The only way this can occur is for two internal bus devices to request info from the MCU MMRs at the same time (with different addresses). For example, the BIU (via the Intel XScale ® core) and the ATU (via the host), which is a very unlikely usage model. Status: No Fix. See the Table , “Summary Table of Changes” on page 9. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |