Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80296SA50 Datasheet(PDF) 25 Page - Intel Corporation

Part # S80296SA50
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA50 Datasheet(HTML) 25 Page - Intel Corporation

Back Button S80296SA50 Datasheet HTML 21Page - Intel Corporation S80296SA50 Datasheet HTML 22Page - Intel Corporation S80296SA50 Datasheet HTML 23Page - Intel Corporation S80296SA50 Datasheet HTML 24Page - Intel Corporation S80296SA50 Datasheet HTML 25Page - Intel Corporation S80296SA50 Datasheet HTML 26Page - Intel Corporation S80296SA50 Datasheet HTML 27Page - Intel Corporation S80296SA50 Datasheet HTML 28Page - Intel Corporation S80296SA50 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
PRELIMINARY
21
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
T
WHQX
Data Hold after WR# Rising Edge
t – 7
ns
T
WHLH
WR# Rising Edge to ALE Rising Edge
t – 15
t + 20
ns
T
WHBX
BHE#, INST Hold after WR# Rising Edge
0
ns
T
WHAX
AD15:8 Hold after WR# Rising Edge
t – 4
ns (5)
T
RHBX
BHE#, INST Hold after RD# Rising Edge
0
ns
T
RHAX
AD15:8 Hold after RD# Rising Edge
t – 4
ns (5)
TWHSH
A19:16, CS# Hold after WR# Rising Edge
0
ns
T
RHSH
A19:16, CS# Hold after RD# Rising Edge
0
ns
Table 9. AC Characteristics the External Memory System Must Meet, Multiplexed Bus Mode
Symbol
Parameter
Min
Max
Units
T
AVDV
AD15:0 Valid to Input Data Valid
3t – 32
ns (1, 2)
T
RLDV
RD# Active to Input Data Valid
2t – 40
ns (1, 2)
T
SLDV
Chip Select Low to Data Valid
4t – 28
ns (1, 2)
T
CHDV
CLKOUT High to Input Data Valid
2t – 25
ns
T
RHDZ
End of RD# to Input Data Float
t – 3
ns (2)
T
RXDX
Data Hold after RD# Inactive
0
ns
T
AVYV
AD15:0 Valid to READY (Inactive) Setup
2t – 42
ns (3)
T
CH
1YX
First READY Hold (active) after CLKOUT High
t – 4
2t – 21
ns (4, 5)
T
CH
2YX
Non-first READY Hold (active) after CLKOUT High
0
2t – 21
ns (4)
T
YLYH
Non-READY (Inactive) Time
2t
No Upper
Limit
ns
NOTES:
1.
If using the READY signal to insert wait states, you must program at least one wait state in the
BUSCON
x register because the first falling edge of READY is not synchronized with a CLKOUT edge.
2.
If using the BUSCON
x register without the READY signal to insert wait states, add 2t
× n, where n =
number of wait states.
3.
If using the BUSCON
x register to insert wait states, add 2t
× (n–1), where n = number of wait states.
4.
Exceeding the maximum specification causes additional wait states.
5.
If you program two or more wait states in the BUSCON
x register, the T
CH
1YX minimum does not apply.
Table 8. AC Characteristics the 80C296SA Will Meet, Multiplexed Bus Mode (Continued)
Symbol
Parameter
Min
Max
Units
NOTES:
1.
25 MHz is the maximum input frequency when using an external crystal oscillator; however, 50 MHz
can be applied with an external clock source.
2.
When the phase-locked loop (PLL) circuitry is enabled, the minimum input frequency on XTAL1 is 8
MHz. The PLL cannot be run at frequencies lower than 16 MHz.
3.
If wait states are used, add 2t
× n, where n = number of wait states.
4.
Assuming back-to-back bus cycles.
5.
8-bit bus only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com