| Electronic Components Datasheet Search |
|
ADE7953 Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7953 Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 68 page ![]() Data Sheet ADE7953 Rev. A | Page 49 of 68 ALTERNATIVE OUTPUT FUNCTIONS The ADE7953 includes three output pins that are configured by default to output power quality information. • Pin 1 (ZX) provides a voltage channel zero-crossing signal, as described in the Voltage Channel Zero Crossing section. • Pin 21 (ZX_I) provides a current channel zero-crossing signal, as described in the Current Channel Zero Crossing section. • Pin 20 (REVP) provides polarity information, as described in the section. Reverse Power To provide flexibility and to accommodate a variety of design requirements, the ADE7953 can be configured to output a variety of alternative power quality signals on any of these three outputs. Alternative functions are configured using the ALT_OUTPUT register (Address 0x110). Table 8 summarizes the functions that can be output on Pin 1, Pin 21, and Pin 20. Note that the default functions of ZX, ZX_I, and REVP can be configured to output on any one of Pin 1, Pin 21, or Pin 20. As described in Table 8, the description of each function can be found in the corresponding section of this data sheet. If an alter- native output function is enabled on Pin 1, Pin 21, or Pin 20, the function can be configured and will be performed as described in the corresponding section. The alternative function will, how- ever, appear as an unlatched output on Pin 1, Pin 21, or Pin 20. To enable an alternative function, the ZX_ALT, ZXI_ALT, and REVP_ALT bits in the ALT_OUTPUT register must be set. The interrupt enable associated with the alternative output does not need to be enabled in order for it to be present on Pin 1, Pin 21, or Pin 20. Enabling an alternative output does not affect the primary function of the feature. Table 8. Alternative Outputs Function See This Section Zero-crossing detection (voltage channel) Voltage Channel Zero Crossing Zero-crossing detection (current channels) Current Channel Zero Crossing Reverse power indication Reverse Power Voltage sag detection Voltage Sag Detection Active energy no-load detection (Current Channel A) Active Energy No-Load Detection Active energy no-load detection (Current Channel B) Active Energy No-Load Detection Reactive energy no-load detection (Current Channel A) Reactive Energy No-Load Detection Reactive energy no-load detection (Current Channel B) Reactive Energy No-Load Detection Waveform sampling, data ready Instantaneous Powers and Waveform Sampling Interrupt output (Current Channel B) Current Channel B Interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |