Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12CE673 Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 91Page - Microchip Technology PIC12CE673 Datasheet HTML 92Page - Microchip Technology PIC12CE673 Datasheet HTML 93Page - Microchip Technology PIC12CE673 Datasheet HTML 94Page - Microchip Technology PIC12CE673 Datasheet HTML 95Page - Microchip Technology PIC12CE673 Datasheet HTML 96Page - Microchip Technology PIC12CE673 Datasheet HTML 97Page - Microchip Technology PIC12CE673 Datasheet HTML 98Page - Microchip Technology PIC12CE673 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 95
PIC12C67X
12.3
DC CHARACTERISTICS:
PIC12C671/672 (Commercial, Industrial, Extended)
PIC12CE673/674 (Commercial, Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
0°C
 TA  +70°C (commercial)
–40°C
 TA  +85°C (industrial)
–40°C
 TA  +125°C (extended)
Operating voltage VDD range as described in DC spec Section 12.1 and
Section 12.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
—
0.8V
V
For 4.5V
 VDD5.5V
VSS
—
0.15VDD
V
otherwise
D031
with Schmitt Trigger buffer
VSS
—
0.2VDD
V
D032
MCLR, GP2/T0CKI/AN2/INT
(in EXTRC mode)
VSS
—
0.2VDD
V
D033
OSC1 (in EXTRC mode)
VSS
—
0.2VDD
Note 1
D033
OSC1 (in XT, HS, and LP)
VSS
—
0.3VDD
V
Note 1
Input High Voltage
I/O ports
VIH
—
D040
with TTL buffer
2.0V
—
VDD
V4.5V
 VDD 5.5V
D040A
0.25VDD + 0.8V
—
VDD
V
otherwise
D041
with Schmitt Trigger buffer
0.8VDD
—
VDD
VFor entire VDD range
D042
MCLR, GP2/T0CKI/AN2/INT
0.8VDD
—
VDD
V
D042A OSC1 (XT, HS, and LP)
0.7VDD
—
VDD
V
Note 1
D043
OSC1 (in EXTRC mode)
0.9VDD
—
VDD
V
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
——
+1
AVSS VPIN VDD, Pin at
hi-impedance
D061
GP3/MCLR (Note 5)
+30
AVSS VPIN VDD
D061A GP3 (Note 6)
+5
AVSS VPIN VDD
D062
GP2/T0CKI
——
+5
AVSS VPIN VDD
D063
OSC1
——
+5
AVSS VPIN VDD, XT, HS, and
LP osc configuration
D070
GPIO weak pull-up current (Note 4)
IPUR
50
250
400
AVDD = 5V, VPIN = VSS
MCLR pull-up current
——
—
30
AVDD = 5V, VPIN = VSS
Output Low Voltage
D080
I/O ports
VOL
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
–40
C to +85C
D080A
——
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
–40
C to +125C
D083
OSC2/CLKOUT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
–40
C to +85C
D083A
—
—
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
–40
C to +125C
†
Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PIC12C67X
be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: Does not include GP3. For GP3 see parameters D061 and D061A.
5: This spec. applies to GP3/MCLR configured as external MCLR and GP3/MCLR configured as input with internal pull-up
enabled.
6: This spec. applies when GP3/MCLR is configured as an input with pull-up disabled. The leakage current of the MCLR circuit
is higher than the standard I/O logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com