Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV76 Datasheet(PDF) 1 Page - AVX Corporation

Part # CV76
Description  ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CV76 Datasheet(HTML) 1 Page - AVX Corporation

  CV76 Datasheet HTML 1Page - AVX Corporation CV76 Datasheet HTML 2Page - AVX Corporation CV76 Datasheet HTML 3Page - AVX Corporation CV76 Datasheet HTML 4Page - AVX Corporation CV76 Datasheet HTML 5Page - AVX Corporation CV76 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
56
ESCC Qualified SMPS Capacitors
High Voltage Chip/Leaded Capacitors
Capacitors, Fixed, Chip, Ceramic Dielectric, Type II, High
Voltage, Based on Styles 1812 and 1825 for use in ESCC
space programs, according to ESCC Generic Specification
3009 and associated Detail Specification 3009/034 as
recommended by the Space Components Coordination
Group. (ranges in table below)
Note: Variants 01 to 12: metallized pads
Capacitors, Fixed, Ceramic Dielectric, Type II, High Voltage,
1.0 to 5.0 kV, Based on Case Styles VR, CV and CH for use
in ESCC space programs, according to ESCC Generic
Specification 3001 and associated Detail Specification
3001/034 as recommended by the Space Components
Coordination Group. (ranges in table)
Note 1: Lead Types
a - Leaded Radial (epoxy coated)
b - Leaded Radial (Polyurethane Varnish)
c - Straight Dual in Line
d - L Dual in Line
Note 2: Tolerances of ±10% and ±20% are available
Rated
Size
Variant
Voltage Tolerance Capacitance
(kV)
(%)
Code (E12)
1812
01
1.0
±10
392 - 223
02
±20
03
2.0
±10
152 - 182
04
±20
05
3.0
±10
821 - 102
06
±20
1825
07
1.0
±10
273 - 563
08
±20
09
2.0
±10
222 - 682
10
±20
11
3.0
±10
821 - 392
12
±20
3009034
Detail Spec
Number
XX
Type
Variant
(per table)
B
Test Level
C = Standard test level
B = Level C plus serialized
and capacitance
recorded before and
after 100% burn-in.
XXX
Capacitance
Code
The first two digits represent
significant figures and the third
digit specifies the number of
zeros to follow; i.e.
102 = 1000pF
103 = 10000pF
HOW TO ORDER
Parts should be ordered using the ESCC variant number as follows:
HIGH VOLTAGE CHIP CAPACITORS
Case
Lead
Capacitance Code (E12)
Size
Variant
Type
1.0kV
2.0kV
3.0kV
4.0kV
5.0kV
VR30S
01
a
392 - 203 152 - 182 821 - 102
VR30
02
a
273 - 563 222 - 682 821 - 392
VR40
03
a
473 - 124 822 - 153 472 - 103 182 - 222
VR50
04
a
154 - 274 183 - 333 123 - 183 562 - 822 332 - 392
VR66
05
a
224 - 564 393 - 823 223 - 393 103 - 153 682 - 103
VR84
06
a
684 - 105 473 - 154 473 - 683 183 - 393 123 - 183
VR90
07
a
125 - 275 184 - 334 823 - 184 473 - 124 223 - 563
CV41
08
b
473 - 124 822 - 153 472 - 103 182 - 222
CH41
09
c
473 - 124 822 - 153 472 - 103 182 - 222
CH41
10
d
473 - 124 822 - 153 472 - 103 182 - 222
CV51
11
b
154 - 274 183 - 333 123 - 183 562 - 822 332 - 392
CH51
12
c
154 - 274 183 - 333 123 - 183 562 - 822 332 - 392
CH51
13
d
154 - 274 183 - 333 123 - 183 562 - 822 332 - 392
CV61
14
b
224 - 564 393 - 823 223 - 393 103 - 153 682 - 103
CH61
15
c
224 - 564 393 - 823 223 - 393 103 - 153 682 - 103
CH61
16
d
224 - 564 393 - 823 223 - 393 103 - 153 682 - 103
CV76
17
b
684 - 105 473 - 154 473 - 683 183 - 393 123 - 183
CH76
18
c
684 - 105 473 - 154 473 - 683 183 - 393 123 - 183
CH76
19
d
684 - 105 473 - 154 473 - 683 183 - 393 123 - 183
CV91
20
b
125 - 275 184 - 334 823 - 184 473 - 124 223 - 563
CH91
21
c
125 - 275 184 - 334 823 - 184 473 - 124 223 - 563
CH91
22
d
125 - 275 184 - 334 823 - 184 473 - 124 223 - 563
HIGH VOLTAGE LEADED CAPACITORS
3001034
Detail Spec
Number
XX
Type Variant
(per table above)
B
Test Level
C = Standard test level
B = Level C plus serialized
and capacitance recorded
before and after 100%
burn-in.
XXX
Capacitance
Code
The first two digits represent
significant figures and the third
digit specifies the number of
zeros to follow; i.e.
102 = 1000pF
103 = 10000pF
K
Capacitance
Tolerance
K = 10%
M = 20%
X
Voltage
M = 1kV
P = 2kV
R = 3kV
S = 4kV
Z = 5kV
Eg 300103412C274KM
Eg 300903401C223
HOW TO ORDER
Parts should be ordered using the ESCC variant
number as follows:


Similar Part No. - CV76

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CV76-79 AVX-CV76-79 Datasheet
115Kb / 6P
SMPS Capacitors Chip Assemblies CH/CV - Radial, Dual-in-Line, 4 Terminal/SMT ?쁉??& ?쁋??Ranges
logo
MKS Instruments.
CV762XD MKS-CV762XD Datasheet
261Kb / 2P
BARATRON CAOACITANCE MANOMETER ISOLATION SYSTEM
logo
List of Unclassifed Man...
CV7644 ETC-CV7644 Datasheet
410Kb / 4P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
logo
Seme LAB
CV7644 SEME-LAB-CV7644 Datasheet
15Kb / 1P
Bipolar NPN Device in a
CV7671 SEME-LAB-CV7671 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
More results

Similar Description - CV76

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
HIGH VOLTAGE CHIP CAPACITORS
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
CHPFR VISHAY-CHPFR Datasheet
111Kb / 7P
ESCC 4001/026 Qualified R Failure Rate High Precision Thick Film Chip Resistors
19-Nov-14
logo
AVX Corporation
3001034B102KM AVX-3001034B102KM Datasheet
98Kb / 6P
High Voltage Chip/Leaded Capacitors
ESCC AVX-ESCC Datasheet
98Kb / 6P
ESCC Qualified SMPS Capacitors
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
High Voltage Varnished Leaded Capacitors
02/21
TKD EXXELIA-TKD Datasheet
791Kb / 17P
High Voltage Conformal Coated Leaded Capacitors
02/21
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
TCK EXXELIA-TCK Datasheet
890Kb / 18P
High Voltage Molded Leaded Capacitors
revised 10/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com