Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C554 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16C554
Description  EPROM-Based 8-Bit CMOS Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C554 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16C554 Datasheet HTML 1Page - Microchip Technology PIC16C554 Datasheet HTML 2Page - Microchip Technology PIC16C554 Datasheet HTML 3Page - Microchip Technology PIC16C554 Datasheet HTML 4Page - Microchip Technology PIC16C554 Datasheet HTML 5Page - Microchip Technology PIC16C554 Datasheet HTML 6Page - Microchip Technology PIC16C554 Datasheet HTML 7Page - Microchip Technology PIC16C554 Datasheet HTML 8Page - Microchip Technology PIC16C554 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
 1996-2013 Microchip Technology Inc.
Preliminary
DS40143E-page 5
PIC16C55X
1.0
GENERAL DESCRIPTION
The PIC16C55X are 18, 20 and 28-Pin EPROM-based
members of the versatile PIC16CXX family of low cost,
high
performance,
CMOS,
fully-static,
8-bit
microcontrollers.
All PIC® microcontrollers employ an advanced RISC
architecture. The PIC16C55X have enhanced core fea-
tures, eight-level deep stack, and multiple internal and
external interrupt sources. The separate instruction
and data buses of the Harvard architecture allow a 14-
bit wide instruction word with the separate 8-bit wide
data. The two-stage instruction pipeline allows all
instructions to execute in a single-cycle, except for pro-
gram branches (which require two cycles). A total of 35
instructions (reduced instruction set) are available.
Additionally, a large register set gives some of the
architectural innovations used to achieve a very high
performance.
PIC16C55X microcontrollers typically achieve a 2:1
code compression and a 4:1 speed improvement over
other 8-bit microcontrollers in their class.
The PIC16C554 has 80 bytes of RAM. The PIC16C557
and PIC16C558 have 128 bytes of RAM. The
PIC16C554 and PIC16C558 have 13 I/O pins and an 8-
bit timer/counter with an 8-bit programmable prescaler.
The PIC16C557 has 22 I/O pins and an 8-bit timer/
counter with an 8-bit programmable prescaler.
PIC16C55X devices have special features to reduce
external components, thus reducing cost, enhancing
system reliability and reducing power consumption.
There are four oscillator options, of which the single pin
RC oscillator provides a low cost solution, the LP
oscillator minimizes power consumption, XT is a
standard crystal, and the HS is for high speed crystals.
The SLEEP (power-down) mode offers power saving.
The user can wake-up the chip from SLEEP through
several external and internal interrupts and RESET.
A highly reliable Watchdog Timer, with its own on-chip
RC oscillator, provides protection against software
lock-up.
A UV-erasable CERDIP packaged version is ideal for
code development while the cost effective One-Time
Programmable (OTP) version is suitable for production
in any volume.
Table 1-1 shows the features of the PIC16C55X mid-
range microcontroller families.
A simplified block diagram of the PIC16C55X is shown
in Figure 3-1.
The PIC16C55X series fit perfectly in applications
ranging from motor control to low power remote sen-
sors. The EPROM technology makes customization of
application programs (detection levels, pulse genera-
tion, timers, etc.) extremely fast and convenient. The
small footprint packages make this microcontroller
series perfect for all applications with space limitations.
Low cost, low power, high performance, ease of use
and I/O flexibility make the PIC16C55X very versatile.
1.1
Family and Upward Compatibility
Users familiar with the family of microcontrollers will
realize that this is an enhanced version of the architec-
ture. Please refer to Appendix A for a detailed list of
enhancements. Code written for can be easily ported
to PIC16C55X family of devices (Appendix B).
The PIC16C55X family fills the niche for users wanting
to migrate up from the family and not needing various
peripheral features of other members of the PIC16XX
mid-range microcontroller family.
1.2
Development Support
The PIC16C55X family is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a low cost development programmer and a
full-featured programmer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com