Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 243 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 243 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 239Page - Microchip Technology PIC16C64A Datasheet HTML 240Page - Microchip Technology PIC16C64A Datasheet HTML 241Page - Microchip Technology PIC16C64A Datasheet HTML 242Page - Microchip Technology PIC16C64A Datasheet HTML 243Page - Microchip Technology PIC16C64A Datasheet HTML 244Page - Microchip Technology PIC16C64A Datasheet HTML 245Page - Microchip Technology PIC16C64A Datasheet HTML 246Page - Microchip Technology PIC16C64A Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 334 page
background image
 1997-2013 Microchip Technology Inc.
DS30234E-page 243
PIC16C6X
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
21.0
ELECTRICAL CHARACTERISTICS FOR PIC16CR63/R65
Absolute Maximum Ratings (†)
Ambient temperature under bias............................................................................................................ .-55°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4).......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +7.5V
Voltage on MCLR with respect to VSS (Note 2)............................................................................................... 0V to +14V
Voltage on RA4 with respect to Vss ................................................................................................................ 0V to +14V
Total power dissipation (Note 1) ................................................................................................................................ 1.0W
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by
PORTA, PORTB, and PORTE (Note 3) (combined)....................................................200 mA
Maximum current sourced by PORTA, PORTB, and PORTE (Note 3) (combined) .............................................. 200 mA
Maximum current sunk by PORTC and PORTD (Note 3) (combined) .................................................................. 200 mA
Maximum current sourced by PORTC and PORTD (Note 3) (combined) ............................................................. 200 mA
Note 1: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
 IOH} +  {(VDD-VOH) x IOH} + (VOl x IOL)
Note 2: Voltage spikes below VSS at the MCLR/VPP pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
 should be used when applying a “low” level to the MCLR/VPP pin rather
than pulling this pin directly to VSS.
Note 3: PORTD and PORTE not available on the PIC16CR63.
TABLE 21-1:
CROSS REFERENCE OF DEVICE SPECS FOR OSCILLATOR CONFIGURATIONS
AND FREQUENCIES OF OPERATION (COMMERCIAL DEVICES)
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
OSC
PIC16CR63-04
PIC16CR65-04
PIC16CR63-10
PIC16CR65-10
PIC16CR63-20
PIC16CR65-20
PIC16LCR63-04
PIC16LCR65-04
JW Devices
RC
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
A max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
A typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
A typ. at 4V
Freq: 4 MHz max.
VDD: 3.0V to 5.5V
IDD: 3.8 mA max. at 3V
IPD: 5
A max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
A max. at 4V
Freq: 4 MHz max.
XT
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
A max. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
A typ. at 4V
Freq: 4 MHz max.
VDD: 4.5V to 5.5V
IDD: 2.7 mA typ. at 5.5V
IPD: 1.5
A typ. at 4V
Freq: 4 MHz max.
VDD: 3.0V to 5.5V
IDD: 3.8 mA max. at 3V
IPD: 5
A max. at 3V
Freq: 4 MHz max.
VDD: 4.0V to 5.5V
IDD: 5 mA max. at 5.5V
IPD: 16
A max. at 4V
Freq: 4 MHz max.
HS
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
VDD: 4.5V to 5.5V
Not recommended for
use in HS mode
VDD: 4.5V to 5.5V
IDD: 13.5 mA typ. at
5.5V
IDD: 10 mA max. at 5.5V IDD: 20 mA max. at 5.5V
IDD: 20 mA max. at
5.5V
IPD: 1.5
A typ. at 4.5V IPD 1.5 A typ. at 4.5V IPD: 1.5 A typ. at 4.5V
IPD: 1.5
A typ. at 4.5V
Freq: 4 MHz max.
Freq: 10 MHz max.
Freq: 20 MHz max.
Freq: 20 MHz max.
LP
VDD: 4.0V to 5.5V
IDD: 52.5
A typ.
at 32 kHz, 4.0V
IPD: 0.9
A typ. at 4.0V
Freq: 200 kHz max.
Not recommended for
use in LP mode
Not recommended for
use in LP mode
VDD: 3.0V to 5.5V
IDD: 48
A max. at 32
kHz, 3.0V
IPD: 5
A max. at 3.0V
Freq: 200 kHz max.
VDD: 3.0V to 5.5V
IDD: 48
A max.
at 32 kHz, 3.0V
IPD: 5
A max. at 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications. It is recom-
mended that the user select the device type that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com