Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C64A Datasheet(PDF) 202 Page - Microchip Technology

Part # PIC16C64A
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64A Datasheet(HTML) 202 Page - Microchip Technology

Back Button PIC16C64A Datasheet HTML 198Page - Microchip Technology PIC16C64A Datasheet HTML 199Page - Microchip Technology PIC16C64A Datasheet HTML 200Page - Microchip Technology PIC16C64A Datasheet HTML 201Page - Microchip Technology PIC16C64A Datasheet HTML 202Page - Microchip Technology PIC16C64A Datasheet HTML 203Page - Microchip Technology PIC16C64A Datasheet HTML 204Page - Microchip Technology PIC16C64A Datasheet HTML 205Page - Microchip Technology PIC16C64A Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 334 page
background image
PIC16C6X
DS30234E-page 202
 1997-2013 Microchip Technology Inc.
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 18-3: CLKOUT AND I/O TIMING
TABLE 18-3:
CLKOUT AND I/O TIMING REQUIREMENTS
Parameters Sym
Characteristic
Min
Typ†
Max
Units Conditions
10*
TosH2ckL
OSC1
 to CLKOUT
—
75
200
ns
Note 1
11*
TosH2ckH
OSC1
 to CLKOUT
—
75
200
ns
Note 1
12*
TckR
CLKOUT rise time
—
35
100
ns
Note 1
13*
TckF
CLKOUT fall time
—
35
100
ns
Note 1
14*
TckL2ioV
CLKOUT
 to Port out valid
—
—
0.5TCY + 20
ns
Note 1
15*
TioV2ckH
Port in valid before CLKOUT
Tosc + 200
—
—
ns
Note 1
16*
TckH2ioI
Port in hold after CLKOUT
0——
ns
Note 1
17*
TosH2ioV
OSC1
 (Q1 cycle) to Port out valid
—
50
150
ns
18*
TosH2ioI
OSC1
 (Q2 cycle) to Port input
invalid (I/O in hold time)
PIC16C62A/
R62/64A/R64
100
—
—
ns
PIC16LC62A/
R62/64A/R64
200
—
—
ns
19*
TioV2osH
Port input valid to OSC1
(I/O in setup time)
0
—
—
ns
20*
TioR
Port output rise time
PIC16C62A/
R62/64A/R64
—10
40
ns
PIC16LC62A/
R62/64A/R64
——
80
ns
21*
TioF
Port output fall time
PIC16C62A/
R62/64A/R64
—10
40
ns
PIC16LC62A/
R62/64A/R64
——
80
ns
22††*
Tinp
RB0/INT pin high or low time
TCY
——
ns
23††*
Trbp
RB7:RB4 change int high or low time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
††
These parameters are asynchronous events not related to any internal clock edge.
Note 1:
Measurements are taken in RC Mode where CLKOUT output is 4 x TOSC.
OSC1
CLKOUT
I/O Pin
(input)
I/O Pin
(output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
old value
new value
Note: Refer to Figure 18-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com