Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771T Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16LC771T
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771T Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16LC771T Datasheet HTML 52Page - Microchip Technology PIC16LC771T Datasheet HTML 53Page - Microchip Technology PIC16LC771T Datasheet HTML 54Page - Microchip Technology PIC16LC771T Datasheet HTML 55Page - Microchip Technology PIC16LC771T Datasheet HTML 56Page - Microchip Technology PIC16LC771T Datasheet HTML 57Page - Microchip Technology PIC16LC771T Datasheet HTML 58Page - Microchip Technology PIC16LC771T Datasheet HTML 59Page - Microchip Technology PIC16LC771T Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 224 page
background image
PIC16C717/770/771
DS41120C-page 56
 1999-2013 Microchip Technology Inc.
8.3
PWM Mode
In Pulse Width Modulation (PWM) mode, the ECCP
module produces up to a 10-bit resolution PWM output.
Figure 8-3 shows the simplified PWM block diagram.
FIGURE 8-3:
SIMPLIFIED PWM BLOCK DIAGRAM
8.3.1
PWM PERIOD
The PWM period is specified by writing to the PR2 reg-
ister. The PWM period can be calculated using the fol-
lowing formula:
PWM PERIOD = [(PR2) + 1] • 4 • TOSC •
(TMR2 PRESCALE VALUE)
PWM frequency is defined as 1 / [PWM period].
When TMR2 is equal to PR2, the following three events
occur on the next increment cycle:
• TMR2 is cleared
• The CCP1 pin is set (exception: if PWM duty
cycle = 0%, the CCP1 pin will not be set)
• The PWM duty cycle is latched from CCPR1L into
CCPR1H
CCPR1L
CCPR1H (Slave)
Comparator
TMR2
Comparator
PR2
(Note 1)
R
Q
S
Duty cycle registers
CCP1CON<5:4>
Clear Timer,
CCP1 pin and
latch D.C.
Note: 8-bit timer TMR2 is concatenated with 2-bit internal Q clock or 2 bits of the prescaler to create 10-bit time-base.
TRISB<3>
RB3/CCP1/P1A
TRISB<5>
RB5/SDO/P1B
TRISB<6>
RB6/T1OSO/T1CKI/
TRISB<7>
RB7/T1OSI/P1D
P1C
OUTPUT
CONTROLLER
PWM1M1<1:0>
2
CCP1M<3:0>
4
P1DEL
CCP1/P1A
P1B
P1C
P1D
Note:
The Timer2 postscaler (see Section 7.0) is
not used in the determination of the PWM
frequency. The postscaler could be used to
have a servo update rate at a different fre-
quency than the PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com