Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM01 Datasheet(PDF) 13 Page - AVX Corporation

Part # SM01
Description  SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM01 Datasheet(HTML) 13 Page - AVX Corporation

Back Button SM01 Datasheet HTML 9Page - AVX Corporation SM01 Datasheet HTML 10Page - AVX Corporation SM01 Datasheet HTML 11Page - AVX Corporation SM01 Datasheet HTML 12Page - AVX Corporation SM01 Datasheet HTML 13Page - AVX Corporation SM01 Datasheet HTML 14Page - AVX Corporation SM01 Datasheet HTML 15Page - AVX Corporation SM01 Datasheet HTML 16Page - AVX Corporation SM01 Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
20
SMPS Stacked MLC Capacitors
(SM Style) SM Military Styles DSCC Dwg. #87106 & #88011
0.254 (0.010) RAD. TYP.
1.778 (0.070)
±0.254 (0.010)
1.905 (0.075)
±0.635 (0.025)
TYP.
SCHEMATIC
Case
A (max.)
B (max.)
No. of Leads
Code
(See Note 2)
(See Note 2)
C ±.635 (±0.025)
D ±.635 (±0.025)
E (max.)
per side
1
16.5 (0.650)
18.2 (0.715)
11.4 (0.450)
52.1 (2.050)
12.7 (0.500)
20
2
16.5 (0.650)
18.2 (0.715)
20.3 (0.800)
38.4 (1.510)
22.1 (0.870)
15
3
16.5 (0.650)
18.2 (0.715)
11.4 (0.450)
26.7 (1.050)
12.7 (0.500)
10
4
16.5 (0.650)
18.2 (0.715)
10.2 (0.400)
10.2 (0.400)
11.2 (0.440)
4
5
16.5 (0.650)
18.2 (0.715)
6.35 (0.250)
6.35 (0.250)
7.62 (0.300)
3
6
16.5 (0.650)
18.2 (0.715)
31.8 (1.250)
52.1 (2.050)
34.3 (1.350)
20
NOTES:
1. Unless otherwise specified, tolerances 0.254 (±0.010).
2. “A” dimensions are maximum (see tables on pages 23 thru 26 for specific part number dimensions).
3. “N” straight leads; “J” leads formed in.
4. For case code 5, dimensions shall be 2.54 (0.100) maximum, 0.305 (0.012) minimum.
D
A
B
0.508 (0.020) TYP.
2.54 (0.100) TYP.
2.54 (0.100) MAX.
0.635 (0.025) MIN.
1.397 (0.055)
±0.254 (0.010)
6.35
(0.250)
MIN.
E
C
CHIP SEPARATION
0.254 (0.010) TYP.
0.254
(0.010)
TYP.
“J” STYLE LEADS
DIMENSIONS
millimeters (inches)
“N” STYLE LEADS
(NOTE 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com