Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10 Datasheet(PDF) 1 Page - AVX Corporation

Part # ST10
Description  Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

ST10 Datasheet(HTML) 1 Page - AVX Corporation

  ST10 Datasheet HTML 1Page - AVX Corporation ST10 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ELECTRICAL SPECIFICATIONS
HOW TO ORDER
ST10
AVX
Style
5
Voltage
50V = 5
100V = 1
C
Temperature
Coefficient
X7R = C
186
Capacitance Code
(2 significant digits
+ no. of zeros)
1 μF = 105
10 μF = 106
M
Capacitance
Tolerance
M = ±20%
A
Test Level
A = Standard
K
Termination
N = Straight Lead
K = Leads formed in
M = Leads formed out
02
Number
of Leads
Per Side
02 = 2
CAPACITANCE RANGE
Temperature Coefficient
±15%, -55° to +125°C
Capacitance Test (MIL-STD-202, Method 305)
25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Dissipation Factor
5% Max @ 25°C, for 50VDC and 100VDC voltage ratings
Insulation Resistance 25°C (MIL-STD-202, Method 302)
500 MΩ-μF
Insulation Resistance 125°C (MIL-STD-202, Method 302)
50 MΩ-μF
Dielectric Withstanding Voltage 25°C (Flash Test)
250% rated voltage for 5 seconds with 50 mA max charging current.
Life Test Capabilities (1000 hrs)
150% rated voltage at +125°C.
Mini-TurboCap
TM
Small Footprint, High Volumetric Efficiency,
High-CV SMPS Capacitors
VOLTAGE
Style
50V
100V
ST10
18 μF
8.2 μF
The Mini-TurboCap is constructed from state-of-the-art BME
(Base Metal Electrode) MLC Capacitors achieving very high
CV, as well as, ultra low ESR and ESL. The resulting, very
large capacitance values allow for component and board
space reduction. Stress relieving lead frames provide effective
mechanical decoupling of the ceramic chips from the board,
minimizing the stress created by board flexing, vibration and
temperature cycling.
High temperature solder is used to
attach chips to the lead frame thus eliminating the risk of
solder reflow during assembly to the board.


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
microSDTM Small Memory Card Connector
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RT10 AVX-RT10 Datasheet
146Kb / 2P
RoHS Compliant Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
CSB Battery Co., Ltd.
HR1290W CSB-BATTERY-HR1290W_15 Datasheet
695Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS12580 CSB-BATTERY-UPS12580 Datasheet
873Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS122406 CSB-BATTERY-UPS122406 Datasheet
828Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12410W CSB-BATTERY-XHRL12410W_15 Datasheet
836Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12475W CSB-BATTERY-XHRL12475W_15 Datasheet
890Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
logo
Texas Instruments
UCC28704 TI1-UCC28704 Datasheet
1Mb / 44P
High-Efficiency Off-Line CV
logo
Bel Fuse Inc.
MPI-200-10 BEL-MPI-200-10 Datasheet
1Mb / 3P
High Performance with Greater Volumetric Efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com