Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F87T Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F87T
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87T Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F87T Datasheet HTML 5Page - Microchip Technology PIC16F87T Datasheet HTML 6Page - Microchip Technology PIC16F87T Datasheet HTML 7Page - Microchip Technology PIC16F87T Datasheet HTML 8Page - Microchip Technology PIC16F87T Datasheet HTML 9Page - Microchip Technology PIC16F87T Datasheet HTML 10Page - Microchip Technology PIC16F87T Datasheet HTML 11Page - Microchip Technology PIC16F87T Datasheet HTML 12Page - Microchip Technology PIC16F87T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 9
PIC16F87/88
PORTB is a bidirectional I/O port. PORTB can be
software programmed for internal weak pull-up on all
inputs.
RB0/INT/CCP1(5)
RB0
INT
CCP1
677
I/O
I
I/O
TTL
ST(1)
ST
Bidirectional I/O pin.
External interrupt pin.
Capture input, Compare output, PWM output.
RB1/SDI/SDA
RB1
SDI
SDA
788
I/O
I
I/O
TTL
ST
ST
Bidirectional I/O pin.
SPI data in.
I2C™ data.
RB2/SDO/RX/DT
RB2
SDO
RX
DT
899
I/O
O
I
I/O
TTL
ST
Bidirectional I/O pin.
SPI data out.
AUSART asynchronous receive.
AUSART synchronous detect.
RB3/PGM/CCP1(5)
RB3
PGM
CCP1
910
10
I/O
I/O
I
TTL
ST
ST
Bidirectional I/O pin.
Low-Voltage ICSP™ Programming enable pin.
Capture input, Compare output, PWM output.
RB4/SCK/SCL
RB4
SCK
SCL
10
11
12
I/O
I/O
I
TTL
ST
ST
Bidirectional I/O pin. Interrupt-on-change pin.
Synchronous serial clock input/output for SPI.
Synchronous serial clock Input for I2C.
RB5/SS/TX/CK
RB5
SS
TX
CK
11
12
13
I/O
I
O
I/O
TTL
TTL
Bidirectional I/O pin. Interrupt-on-change pin.
Slave select for SPI in Slave mode.
AUSART asynchronous transmit.
AUSART synchronous clock.
RB6/AN5/PGC/T1OSO/
T1CKI
RB6
AN5(4)
PGC
T1OSO
T1CKI
12
13
15
I/O
I
I/O
O
I
TTL
ST(2)
ST
ST
Bidirectional I/O pin. Interrupt-on-change pin.
Analog input channel 5.
In-Circuit Debugger and programming clock pin.
Timer1 oscillator output.
Timer1 external clock input.
RB7/AN6/PGD/T1OSI
RB7
AN6(4)
PGD
T1OSI
13
14
16
I/O
I
I
I
TTL
ST(2)
ST
Bidirectional I/O pin. Interrupt-on-change pin.
Analog input channel 6.
In-Circuit Debugger and ICSP programming data pin.
Timer1 oscillator input.
VSS
5
5, 6
3, 5
P
–
Ground reference for logic and I/O pins.
VDD
14
15, 16
17, 19
P
–
Positive supply for logic and I/O pins.
TABLE 1-2:
PIC16F87/88 PINOUT DESCRIPTION (CONTINUED)
Pin Name
PDIP/
SOIC
Pin#
SSOP
Pin#
QFN
Pin#
I/O/P
Type
Buffer
Type
Description
Legend:
I = Input
O
= Output
I/O = Input/Output
P = Power
– = Not used
TTL = TTL Input
ST = Schmitt Trigger Input
Note
1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
4:
PIC16F88 devices only.
5:
The CCP1 pin is determined by the CCPMX bit in Configuration Word 1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com