Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F570
Description  28-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 9Page - Microchip Technology PIC16F570 Datasheet HTML 10Page - Microchip Technology PIC16F570 Datasheet HTML 11Page - Microchip Technology PIC16F570 Datasheet HTML 12Page - Microchip Technology PIC16F570 Datasheet HTML 13Page - Microchip Technology PIC16F570 Datasheet HTML 14Page - Microchip Technology PIC16F570 Datasheet HTML 15Page - Microchip Technology PIC16F570 Datasheet HTML 16Page - Microchip Technology PIC16F570 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001684B-page 13
PIC16F570
RC7/C2IN-
RC7
ST
CMOS
Bidirectional I/O port
C2IN-
AN
—
Comparator 2 inverting input
RB0
RB0
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
RB1
RB1
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
RB2
RB2
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
RB3/C1OUT
RB3
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
C1OUT
—
CMOS
Comparator 1 output
RB4/C2OUT
RB4
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
C2OUT
—
CMOS
Comparator 2 output
RB5
RB5
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
RB6/ICSPCLK
RB6
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
ICSPCLK
ST
—
ICSP™ mode Schmitt Trigger
RB7/ICSPDAT/C1IN-/
CVREF2
RB7
TTL
CMOS
Bidirectional I/O pin. It can be software
programmed for internal weak pull-up and
wake-up from Sleep on pin change.
ICSPDAT
ST
CMOS
ICSP™ mode Schmitt Trigger
C1IN-
AN
—
Comparator 1 inverting input
CVREF2
—
AN
Programmable Voltage Reference output 2
VDD
VDD
—
P
Positive supply for logic and I/O pins
VSS
VSS
—
P
Ground reference for logic and I/O pins
TABLE 3-2:
PIC16F570 PINOUT DESCRIPTION
Name
Function
Input Type
Output Type
Description
Legend:
I = Input, O = Output, I/O = Input/Output, P = Power, — = Not Used, TTL = TTL input, ST = Schmitt Trigger input,
HV = High Voltage, AN = Analog Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com