Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 85 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 85 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 81Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 82Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 83Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 84Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 85Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 86Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 87Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 88Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 89Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
www.latticesemi.com
5-1
DS1035 Order Info_01.9
January 2013
Data Sheet DS1035
© 2013 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
MachXO2 Part Number Description
LCMXO2 – XXXX X X X – X XXXXXX X XX XX
Device Status
Blank = Production Device
ES = Engineering Sample
R1 = Production Release 1 Device
50 = WLCSP package, 50 parts per reel
Shipping Method
Blank = Trays
TR = Tape and Reel
Grade
C = Commercial
I = Industrial
Logic Capacity
256 = 256 LUTs
640 = 640 LUTs
1200 = 1280 LUTs
2000 = 2112 LUTs
4000 = 4320 LUTs
7000 = 6864 LUTs
Power/Performance
Z = Low Power
H = High Performance
I/O Count
Blank = Standard Device
U = Ultra High I/O Device
SupplyVoltage
C = 2.5V/3.3V
E = 1.2V
Speed
1 = Slowest
2
3 = Fastest
4 = Slowest
5
6 = Fastest
Low Power
High Performance
Package
UWG25 = 25-Ball Halogen-Free WLCSP
(0.4 mm Pitch)
SG32
= 32-Pin Halogen-Free QFN
(0.5 mm Pitch)
UMG64 = 64-Ball Halogen-Free ucBGA
(0.4 mm Pitch)
TG100 = 100-Pin Halogen-Free TQFP
TG144 = 144-Pin Halogen-Free TQFP
MG132 = 132-Ball Halogen-Free csBGA
(0.5 mm Pitch)
MG184 = 184-Ball Halogen-Free csBGA
(0.5mm Pitch)
BG256 = 256-Ball Halogen-Free caBGA
(0.8 mm Pitch)
FTG256= 256-Ball Halogen-Free ftBGA
(1.0 mm Pitch)
BG332 = 332-Ball Halogen-Free caBGA
FG484 = 484-Ball Halogen-Free fpBGA
(1.0 mm Pitch)
Device Family
MachXO2 PLD
Ordering Information
MachXO2 devices have top-side markings, for commercial and industrial grades, as shown below:
Notes:
1. Markings are abbreviated for small packages.
2. See PCN 05A-12 for information regarding a change to the top-side mark logo.
LCMXO2-1200ZE
1TG100C
Datecode
LCMXO2
256ZE
1UG64C
Datecode
MachXO2 Family Data Sheet
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com