Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12F752 Datasheet HTML 1Page - Microchip Technology PIC12F752 Datasheet HTML 2Page - Microchip Technology PIC12F752 Datasheet HTML 3Page - Microchip Technology PIC12F752 Datasheet HTML 4Page - Microchip Technology PIC12F752 Datasheet HTML 5Page - Microchip Technology PIC12F752 Datasheet HTML 6Page - Microchip Technology PIC12F752 Datasheet HTML 7Page - Microchip Technology PIC12F752 Datasheet HTML 8Page - Microchip Technology PIC12F752 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 238 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001709A-page 1
PIC16F753/HV753
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
• 2048 x 14 On-chip Flash Program Memory
• Self Read/Write Program Memory
• 128 x 8 General Purpose Registers (SRAM)
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency:
8 MHz, 4 MHz, 1 MHz or 31 kHz
- Software tunable
• Power-Saving Sleep mode
• Voltage Range (PIC16F753):
- 2.0V to 5.5V
• Shunt Voltage Regulator (PIC16HV753):
- 2.0V to user defined
- 5-volt regulation
- 1 mA to 50 mA shunt range
• Multiplexed Master Clear with Pull-up/Input Pin
• Interrupt-on-Change Pins
• Individually Programmable Weak Pull-ups
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with Internal Oscillator for
Reliable Operation
• Industrial and Extended Temperature Range
• High Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: >40 years
• Programmable Code Protection
• In-Circuit Debug (ICD) via Two Pins
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
- 11 uA @ 32 kHz, 2.0V, typical
- 260 uA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
• <1 uA @ 2.0V, typical
Peripheral Features:
• 11 I/O Pins and one Input-only Pin
• High Current Source/Sink:
- 50 mA I/O, (two pins)
- 25 mA I/O, (nine pins)
• Two High-Speed Analog Comparator modules:
- 50 ns response time
- Fixed Voltage Reference (FVR)
- Programmable on-chip voltage reference via
integrated 9-bit DAC
- Internal/external inputs and outputs (select-
able)
- Built-in Hysteresis (software selectable)
• A/D Converter:
- 10-bit resolution
- Eight external channels
- Two internal reference voltage channels
• Operational Amplifier:
- Three terminal operations
- Internal connections to DAC and FVR
• Digital-to-Analog Converter (DAC):
- 9-bit resolution
- Full Range output
- 4 mV steps @ 2.0V (Limited Range)
• Fixed Voltage Reference (FVR), 1.2V Reference
• Capture, Compare, PWM (CCP) module:
- 16-bit Capture, max. resolution = 12.5 ns
- 16-bit Compare, max. resolution = 200 ns
- 10-bit PWM, max. frequency = 20 kHz
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit Timer/Counter with Prescaler
- External Timer1 Gate (count enable)
- Four Selectable Clock sources
• Timer2: 8-Bit Timer/Counter with Prescaler
- 8-Bit Period Register and Postscaler
• Two Hardware Limit Timers (HLT):
- 8-bit Timer with Prescaler
- 8-bit period register and postscaler
- Asynchronous H/W Reset sources
• Complementary Output Generator (COG):
- Complementary Waveforms from selectable
sources
- Two I/O (50 mA) for direct MOSFET drive
- Rising and/or Falling edge dead-band control
- Phase control, Blanking control
- Auto-shutdown
- Slope Compensation Circuit for use with
SMPS power supplies
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers


Similar Part No. - PIC12F752

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752 MICROCHIP-PIC12F752 Datasheet
4Mb / 230P
14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/27/15
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
More results

Similar Description - PIC12F752

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F630 MICROCHIP-16F630 Datasheet
2Mb / 132P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2003
logo
Cirrus Logic
PIC16F616 APEX-PIC16F616 Datasheet
2Mb / 172P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
logo
Microchip Technology
PIC16F630 MICROCHIP-PIC16F630_07 Datasheet
1Mb / 130P
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
2007
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC16F630 MICROCHIP-PIC16F630_06 Datasheet
2Mb / 130P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2006
PIC16F630 MICROCHIP-PIC16F630_10 Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC16F610 MICROCHIP-PIC16F610_09 Datasheet
3Mb / 214P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2009
PIC16F676-EP MICROCHIP-PIC16F676-EP Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F684T-I MICROCHIP-PIC16F684T-I Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
12/08/06
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com