Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F818 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F818
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F818 Datasheet HTML 35Page - Microchip Technology PIC16F818 Datasheet HTML 36Page - Microchip Technology PIC16F818 Datasheet HTML 37Page - Microchip Technology PIC16F818 Datasheet HTML 38Page - Microchip Technology PIC16F818 Datasheet HTML 39Page - Microchip Technology PIC16F818 Datasheet HTML 40Page - Microchip Technology PIC16F818 Datasheet HTML 41Page - Microchip Technology PIC16F818 Datasheet HTML 42Page - Microchip Technology PIC16F818 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
 2001-2013 Microchip Technology Inc.
DS39598F-page 39
PIC16F818/819
5.0
I/O PORTS
Some pins for these I/O ports are multiplexed with an
alternate function for the peripheral features on the
device. In general, when a peripheral is enabled, that
pin may not be used as a general purpose I/O pin.
Additional information on I/O ports may be found in the
“PIC® Mid-Range MCU Family Reference Manual”
(DS33023).
5.1
PORTA and the TRISA Register
PORTA is an 8-bit wide, bidirectional port. The corre-
sponding data direction register is TRISA. Setting a
TRISA bit (= 1) will make the corresponding PORTA
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISA bit (= 0)
will make the corresponding PORTA pin an output (i.e.,
put the contents of the output latch on the selected pin).
Reading the PORTA register reads the status of the
pins, whereas writing to it will write to the port latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified and then written to the port
data latch.
Pin RA4 is multiplexed with the Timer0 module clock
input and with an analog input to become the RA4/AN4/
T0CKI pin. The RA4/AN4/T0CKI pin is a Schmitt
Trigger input and full CMOS output driver.
Pin RA5 is multiplexed with the Master Clear module
input. The RA5/MCLR/VPP pin is a Schmitt Trigger input.
Pin RA6 is multiplexed with the oscillator module input
and external oscillator output. Pin RA7 is multiplexed
with the oscillator module input and external oscillator
input. Pin RA6/OSC2/CLKO and pin RA7/OSC1/CLKI
are Schmitt Trigger inputs and full CMOS output drivers.
Pins RA<1:0> are multiplexed with analog inputs. Pins
RA<3:2> are multiplexed with analog inputs and VREF
inputs. Pins RA<3:0> have TTL inputs and full CMOS
output drivers.
EXAMPLE 5-1:
INITIALIZING PORTA
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Note:
On
a
Power-on
Reset,
the
pins
PORTA<4:0> are configured as analog
inputs and read as ‘0’.
BANKSEL
PORTA
; select bank of PORTA
CLRF
PORTA
; Initialize PORTA by
; clearing output
; data latches
BANKSEL
ADCON1
; Select Bank of ADCON1
MOVLW
0x06
; Configure all pins
MOVWF
ADCON1
; as digital inputs
MOVLW
0xFF
; Value used to
; initialize data
; direction
MOVWF
TRISA
; Set RA<7:0> as inputs
Name
Bit#
Buffer
Function
RA0/AN0
bit 0
TTL
Input/output or analog input.
RA1/AN1
bit 1
TTL
Input/output or analog input.
RA2/AN2/VREF-
bit 2
TTL
Input/output, analog input or VREF-.
RA3/AN3/VREF+
bit 3
TTL
Input/output, analog input or VREF+.
RA4/AN4/T0CKI
bit 4
ST
Input/output, analog input or external clock input for Timer0.
RA5/MCLR/VPP
bit 5
ST
Input, Master Clear (Reset) or programming voltage input.
RA6/OSC2/CLKO
bit 6
ST
Input/output, connects to crystal or resonator, oscillator output or 1/4 the
frequency of OSC1 and denotes the instruction cycle in RC mode.
RA7/OSC1/CLKI
bit 7
ST/CMOS(1) Input/output, connects to crystal or resonator or oscillator input.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
05h
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxx0 0000
uuu0 0000
85h
TRISA
TRISA7 TRISA6 TRISA5(1) PORTA Data Direction Register
1111 1111
1111 1111
9Fh
ADCON1
ADFM
ADCS2
—
—
PCFG3 PCFG2 PCFG1
PCFG0
00-- 0000
00-- 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
Pin 5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com