Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX330 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 17Page - Microchip Technology PIC32MX330 Datasheet HTML 18Page - Microchip Technology PIC32MX330 Datasheet HTML 19Page - Microchip Technology PIC32MX330 Datasheet HTML 20Page - Microchip Technology PIC32MX330 Datasheet HTML 21Page - Microchip Technology PIC32MX330 Datasheet HTML 22Page - Microchip Technology PIC32MX330 Datasheet HTML 23Page - Microchip Technology PIC32MX330 Datasheet HTML 24Page - Microchip Technology PIC32MX330 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 21
PIC32MX330/350/370/430/450/470
RE0
60
93
B52
I/O
ST
PORTE is a bidirectional I/O port
RE1
61
94
A64
I/O
ST
RE2
62
98
A66
I/O
ST
RE3
63
99
B56
I/O
ST
RE4
64
100
A67
I/O
ST
RE5
1
3
B2
I/O
ST
RE6
2
4
A4
I/O
ST
RE7
3
5
B3
I/O
ST
RE8
—
18
A11
I/O
ST
RE9
—
19
B10
I/O
ST
RF0
58
87
B49
I/O
ST
PORTF is a bidirectional I/O port
RF1
59
88
A60
I/O
ST
RF2
34(1)
52
A36
I/O
ST
RF3
33
51
A35
I/O
ST
RF4
31
49
B27
I/O
ST
RF5
32
50
A32
I/O
ST
RF6
35(1)
55(1)
B30(1)
I/O
ST
RF7
—
54(1)
A37(1)
I/O
ST
RF8
—
53
B29
I/O
ST
RF12
—
40
A27
I/O
ST
RF13
—
39
B22
I/O
ST
RG0
—
90
A61
I/O
ST
PORTG is a bidirectional I/O port
RG1
—
89
B50
I/O
ST
RG2(1)
37
57
B31
I/O
ST
RG3(1)
36
56
A38
I/O
ST
RG6
4
10
A7
I/O
ST
RG7
5
11
B6
I/O
ST
RG8
6
12
A8
I/O
ST
RG9
8
14
A9
I/O
ST
RG12
—
96
A65
I/O
ST
RG13
—
97
B55
I/O
ST
RG14
—
95
B54
I/O
ST
RG15
—
1
A2
I/O
ST
T1CK
48
74
B40
I
ST
Timer1 External Clock Input
T2CK
PPS
PPS
PPS
I
ST
Timer2 External Clock Input
T3CK
PPS
PPS
PPS
I
ST
Timer3 External Clock Input
T4CK
PPS
PPS
PPS
I
ST
Timer4 External Clock Input
T5CK
PPS
PPS
PPS
I
ST
Timer5 External Clock Input
TABLE 1-1:
PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
64-pin
QFN/
TQFP
100-pin
TQFP
124-pin
VTLA
Legend:
CMOS = CMOS compatible input or output
Analog = Analog input
P = Power
ST = Schmitt Trigger input with CMOS levels
O = Output
I = Input
TTL = TTL input buffer
Note 1:
This pin is available on PIC32MX3XX devices only.
2:
This pin is available on PIC32MX4XX devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com