Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F32KA302-I/SP Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC24F32KA302-I/SP
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F32KA302-I/SP Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC24F32KA302-I/SP Datasheet HTML 72Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 73Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 74Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 75Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 76Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 77Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 78Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 79Page - Microchip Technology PIC24F32KA302-I/SP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 76
 2011-2013 Microchip Technology Inc.
FIGURE 8-1:
PIC24F INTERRUPT VECTOR TABLE
Reset – GOTO Instruction
000000h
Reset – GOTO Address
000002h
Reserved
000004h
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
000014h
Interrupt Vector 1
—
—
—
Interrupt Vector 52
00007Ch
Interrupt Vector 53
00007Eh
Interrupt Vector 54
000080h
—
—
—
Interrupt Vector 116
0000FCh
Interrupt Vector 117
0000FEh
Reserved
000100h
Reserved
000102h
Reserved
Oscillator Fail Trap Vector
Address Error Trap Vector
Stack Error Trap Vector
Math Error Trap Vector
Reserved
Reserved
Reserved
Interrupt Vector 0
000114h
Interrupt Vector 1
—
—
—
Interrupt Vector 52
00017Ch
Interrupt Vector 53
00017Eh
Interrupt Vector 54
000180h
—
—
—
Interrupt Vector 116
Interrupt Vector 117
0001FEh
Start of Code
000200h
Interrupt Vector Table (IVT)(1)
Alternate Interrupt Vector Table (AIVT)(1)
Note 1: See Table 8-2 for the interrupt vector list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com