Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

rfPIC12F675F Datasheet(PDF) 7 Page - Microchip Technology

Part # rfPIC12F675F
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

rfPIC12F675F Datasheet(HTML) 7 Page - Microchip Technology

Back Button rfPIC12F675F Datasheet HTML 3Page - Microchip Technology rfPIC12F675F Datasheet HTML 4Page - Microchip Technology rfPIC12F675F Datasheet HTML 5Page - Microchip Technology rfPIC12F675F Datasheet HTML 6Page - Microchip Technology rfPIC12F675F Datasheet HTML 7Page - Microchip Technology rfPIC12F675F Datasheet HTML 8Page - Microchip Technology rfPIC12F675F Datasheet HTML 9Page - Microchip Technology rfPIC12F675F Datasheet HTML 10Page - Microchip Technology rfPIC12F675F Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 7
rfPIC12F675
TABLE 2-1:
SPECIAL FUNCTION REGISTERS SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page
Bank 0
00h
INDF(1)
Addressing this Location uses Contents of FSR to Address Data Memory
0000 0000
16,63
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
25
02h
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
15
03h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
Z
DC
C
0001 1xxx
9
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
16
05h
GPIO
—
—
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
--xx xxxx
17
06h
—
Unimplemented
—
—
07h
—
Unimplemented
—
—
08h
—
Unimplemented
—
—
09h
—
Unimplemented
—
—
0Ah
PCLATH
—
—
—
Write Buffer for Upper 5 bits of Program Counter
---0 0000
15
0Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
11
0Ch
PIR1
EEIF
ADIF
—
—
CMIF
—
—
TMR1IF
00-- 0--0
13
0Dh
—
Unimplemented
—
—
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit Timer1
xxxx xxxx
28
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit Timer1
xxxx xxxx
28
10h
T1CON
—
TMR1GE
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
-000 0000
30
11h
—
Unimplemented
—
—
12h
—
Unimplemented
—
—
13h
—
Unimplemented
—
—
14h
—
Unimplemented
—
—
15h
—
Unimplemented
—
—
16h
—
Unimplemented
—
—
17h
—
Unimplemented
—
—
18h
—
Unimplemented
—
—
19h
CMCON
—
COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000
33
1Ah
—
Unimplemented
—
—
1Bh
—
Unimplemented
—
—
1Ch
—
Unimplemented
—
—
1Dh
—
Unimplemented
—
—
1Eh
ADRESH
Most Significant 8 bits of the Left Shifted A/D Result or 2 bits of the Right Shifted Result
xxxx xxxx
40
1Fh
ADCON0
ADFM
VCFG
—
—
CHS1
CHS0
GO/DONE
ADON
00-- 0000
41,63
Legend:
— = unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1: This is not a physical register.
2: These bits are reserved and should always be maintained as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com