Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14950A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14950A
Description  Single-Lane PCIe Equalizer/Redriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14950A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14950A Datasheet HTML 1Page - Maxim Integrated Products MAX14950A Datasheet HTML 2Page - Maxim Integrated Products MAX14950A Datasheet HTML 3Page - Maxim Integrated Products MAX14950A Datasheet HTML 4Page - Maxim Integrated Products MAX14950A Datasheet HTML 5Page - Maxim Integrated Products MAX14950A Datasheet HTML 6Page - Maxim Integrated Products MAX14950A Datasheet HTML 7Page - Maxim Integrated Products MAX14950A Datasheet HTML 8Page - Maxim Integrated Products MAX14950A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MAX14950A
Single-Lane PCIe Equalizer/Redriver
2
Maxim Integrated
(Voltages referenced to GND.)
VCC.......................................................................-0.3V to +4.0V
All Other Pins (Note 1) ............................. -0.3V to (VCC + 0.3V)
Continuous Current IN_P, IN_M,
OUT_P, OUT_M ........................................................... Q30mA
Peak Current IN_P, IN_M, OUT_P, OUT_M
(pulsed for 1Fs, 1% duty cycle) ................................ Q100mA
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 35.7mW/NC above +70NC)..................2857mW
Operating Temperature Range............................. 0NC to +70NC
Junction Temperature Range........................... -40NC to +150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA) ......... 28NC/W
Junction-to-Case Thermal Resistance (BJC) .................2NC/W
ABSOLUTE MAXIMUM RATINGS
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 2)
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, CCL = 200nF coupling capacitor on each output, RL = 50I on each output, TA = 0NC to +70NC, unless oth-
erwise noted. Typical values are at VCC = +3.3V and TA = +25NC.) (Note 3)
Note 1: All I/O pins are clamped by internal diodes.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Power-Supply Range
VCC
3.0
3.3
3.6
V
Supply Current
ICC
EN = VCC
OEQ_2 = OEQ_1 = OEQ_0
= GND
102
135
mA
OEQ_2 = OEQ_1 = GND,
OEQ_0 = VCC
106
140
OEQ_2 = OEQ_0 = GND,
OEQ_1 = VCC
107
140
OEQ_2 = GND, OEQ_1 =
OEQ_0 = VCC
125
160
OEQ_2 = VCC, OEQ_1 =
OEQ_0 = GND
106
140
OEQ_2 = OEQ_0 = VCC,
OEQ_1 = GND
132
170
OEQ_2 = OEQ_1 = VCC,
OEQ_0 = GND
140
180
OEQ_2 = OEQ_1 = OEQ_0
= VCC
165
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com