Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF020B Datasheet(PDF) 5 Page - Microchip Technology

Part # SST25VF020B
Description  2 Mbit SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF020B Datasheet(HTML) 5 Page - Microchip Technology

  SST25VF020B_13 Datasheet HTML 1Page - Microchip Technology SST25VF020B_13 Datasheet HTML 2Page - Microchip Technology SST25VF020B_13 Datasheet HTML 3Page - Microchip Technology SST25VF020B_13 Datasheet HTML 4Page - Microchip Technology SST25VF020B_13 Datasheet HTML 5Page - Microchip Technology SST25VF020B_13 Datasheet HTML 6Page - Microchip Technology SST25VF020B_13 Datasheet HTML 7Page - Microchip Technology SST25VF020B_13 Datasheet HTML 8Page - Microchip Technology SST25VF020B_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
©2013 Silicon Storage Technology, Inc.
DS20005054C
04/13
5
2 Mbit SPI Serial Flash
SST25VF020B
Data Sheet
Memory Organization
The SST25VF020B SuperFlash memory array is organized in uniform 4 KByte erasable sectors with 32
KByte overlay blocks and 64 KByte overlay erasable blocks.
Device Operation
The SST25VF020B is accessed through the SPI (Serial Peripheral Interface) bus compatible protocol.
The SPI bus consist of four control lines; Chip Enable (CE#) is used to select the device, and data is
accessed through the Serial Data Input (SI), Serial Data Output (SO), and Serial Clock (SCK).
The SST25VF020B supports both Mode 0 (0,0) and Mode 3 (1,1) of SPI bus operations. The difference
between the two modes, as shown in Figure 3, is the state of the SCK signal when the bus master is in
Stand-by mode and no data is being transferred. The SCK signal is low for Mode 0 and SCK signal is
high for Mode 3. For both modes, the Serial Data In (SI) is sampled at the rising edge of the SCK clock
signal and the Serial Data Output (SO) is driven after the falling edge of the SCK clock signal.
Figure 3: SPI Protocol
1417 SPIprot.0
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com