Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1272A Datasheet(PDF) 11 Page - Microchip Technology

Part # TC1272A
Description  3-Pin Reset Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272A Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC1272A Datasheet HTML 6Page - Microchip Technology TC1272A Datasheet HTML 7Page - Microchip Technology TC1272A Datasheet HTML 8Page - Microchip Technology TC1272A Datasheet HTML 9Page - Microchip Technology TC1272A Datasheet HTML 10Page - Microchip Technology TC1272A Datasheet HTML 11Page - Microchip Technology TC1272A Datasheet HTML 12Page - Microchip Technology TC1272A Datasheet HTML 13Page - Microchip Technology TC1272A Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2004-2012 Microchip Technology Inc.
DS21877B-page 11
TC1272A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC1272A: Supervisor circuit with active-low RESET output
V
DD Reset Threshold:
L
= 4.63V
M= 4.38V
J= 4.00V
T= 3.08V
S= 2.93V
R= 2.63V
Z= 2.32V
Temperature Range:
V
= -40°C to +125°C
Package:
NBTR = SOT-23B, 3-pin (Tape and Reel)
PART NO.
X
X
Temperature
V
DD
Reset
Device
Examples:
a)
TC1272AZVNBTR:
Supervisor w/2.32 VDD
option.
b)
TC1272ARVNBTR:
Supervisor w/2.63 VDD
option.
c)
TC1272ASVNBTR:
Supervisor w/2.93 VDD
option.
d)
TC1272ATVNBTR:
Supervisor w/3.08 VDD
option.
e)
TC1272AJVNBTR:
Supervisor w/4.00 VDD
option.
f)
TC1272AMVNBTR:
Supervisor w/4.38 VDD
option.
g)
TC1272ALVNBTR:
Supervisor w/4.63 VDD
option.
Range
Threshold
XXXXX
Package
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com