Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1410N Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1410N
Description  0.5A High-Speed MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410N Datasheet(HTML) 1 Page - Microchip Technology

  TC1410N Datasheet HTML 1Page - Microchip Technology TC1410N Datasheet HTML 2Page - Microchip Technology TC1410N Datasheet HTML 3Page - Microchip Technology TC1410N Datasheet HTML 4Page - Microchip Technology TC1410N Datasheet HTML 5Page - Microchip Technology TC1410N Datasheet HTML 6Page - Microchip Technology TC1410N Datasheet HTML 7Page - Microchip Technology TC1410N Datasheet HTML 8Page - Microchip Technology TC1410N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001389E-page 1
TC1410/TC1410N
Features
• Latch-Up Protected: Withstands 500 mA Reverse
Current
• Input Withstands Negative Inputs Up to 5V
• Electrostatic Discharge (ESD) Protected: 2.0 kV
(HBM) and 400V (MM)
• High Peak Output Current: 0.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 16V
• High Capacitive Load Drive Capability:
- 500 pF in 25 ns
• Short Delay Time: 30 ns typical
• Consistent Delay Times With Changes in Supply
Voltage
• Matched Delay Times
• Low Supply Current
-
With Logic ‘1’ Input: 500 µA
-
With Logic ‘0’ Input: 100 µA
• Low Output Impedance: 16
Ω
• Available in Space-Saving 8-pin MSOP Package
• Pinout – same as TC1411/TC1412/TC1413
Applications
• Switch Mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
• Relay Driver
General Description
The TC1410/TC1410N are 0.5A CMOS buffers/drivers.
They do not latch up under any conditions within their
power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking of either
polarity occurs on the ground pin. They can accept,
without damage or logic upset, up to 500 mA of current
of either polarity being forced back into their output. All
terminals are fully protected against Electrostatic
Discharge (ESD) up to 2.0 kV (HBM) and 400V (MM).
As MOSFET drivers, the TC1410/TC1410N can easily
charge a 500 pF gate capacitance in 25 ns with
matched rise and fall times. To ensure the MOSFET’s
intended state will not be affected even by large
transients, low enough impedance in both the ‘ON’ and
‘OFF’ states are provided. The leading and trailing
edge propagation delay times are also matched to
allow
driving
short-duration
inputs
with
greater
accuracy.
Package Type
8-Pin MSOP/PDIP/SOIC
1
2
3
4
VDD
5
6
7
8
OUT
GND
VDD
IN
NC
GND
OUT
NC = No Connection
2
6,7
Inverting
2
6,7
Non-Inverting
1
2
3
4
5
6
7
8
VDD
IN
NC
GND
VDD
OUT
GND
OUT
Note:
For proper operation, duplicate pins
must be connected together.
0.5A High-Speed MOSFET Drivers


Similar Part No. - TC1410N

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1410N TELCOM-TC1410N Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
266Kb / 18P
0.5A High-Speed MOSFET Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC1410NCOA TELCOM-TC1410NCOA Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
TC1410NCPA TELCOM-TC1410NCPA Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TC1410N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
0.5A HIGH-SPEED MOSFET DRIVERS
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
2A HIGH-SPEED MOSFET DRIVERS
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
DUAL HIGH-SPEED MOSFET DRIVERS
logo
Calogic, LLC
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
High Speed MOSFET Drivers
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
0.5A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
2A High-Speed MOSFET Drivers
2003
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
0.5A High-Speed MOSFET Drivers
11/27/12
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com