Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7116A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7116A
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116A Datasheet(HTML) 1 Page - Microchip Technology

  TC7116A Datasheet HTML 1Page - Microchip Technology TC7116A Datasheet HTML 2Page - Microchip Technology TC7116A Datasheet HTML 3Page - Microchip Technology TC7116A Datasheet HTML 4Page - Microchip Technology TC7116A Datasheet HTML 5Page - Microchip Technology TC7116A Datasheet HTML 6Page - Microchip Technology TC7116A Datasheet HTML 7Page - Microchip Technology TC7116A Datasheet HTML 8Page - Microchip Technology TC7116A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2002-2012 Microchip Technology Inc.
DS21457D-page 1
TC7116/A/TC7117/A
Features:
• Low Temperature Drift Internal Reference:
- TC7116/TC7117 80 ppm/°C, Typ.
- TC7116A/TC7117A 20 ppm/°C, Typ.
• Display Hold Function
• Directly Drives LCD or LED Display
• Zero Reading with Zero Input
• Low Noise for Stable Display:
- 2V or 200mV Full Scale Range (FSR)
• Auto-Zero Cycle Eliminates Need for Zero
• Adjustment Potentiometer
• True Polarity Indication for Precision Null
Applications
• Convenient 9V Battery Operation:
(TC7116/TC7116A)
• High-Impedance CMOS Differential Inputs: 1012
• Low-Power Operation: 10mW
Applications:
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells,
Null Detectors
• Digital Meters: Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
• Portable Instrumentation
Device Selection Table
General Description:
The TC7116A/TC7117A are 3-1/2 digit CMOS Analog-
to-Digital Converters (ADCs) containing all the active
components necessary to construct a 0.05% resolution
measurement
system.
Seven-segment
decoders,
polarity and digit drivers, voltage reference, and clock
circuit are integrated on-chip. The TC7116A drives
Liquid Crystal Displays (LCDs) and includes a back-
plane driver. The TC7117A drives common anode Light
Emitting Diode (LED) displays directly with an 8mA
drive current per segment.
These devices incorporate a display hold (HLDR)
function. The displayed reading remains indefinitely, as
long as HLDR is held high. Conversions continue, but
output data display latches are not updated. The refer-
ence low input (VREF-) is not available, as it is with the
TC7106/7107. VREF- is tied internally to analog
common in the TC7116A/7117A devices.
The TC7116A/7117A reduces linearity error to less
than 1 count. Rollover error (the difference in readings
for equal magnitude but opposite polarity input signals)
is below ±1 count. High-impedance differential inputs
offer 1pA leakage current and a 1012
 input imped-
ance. The 15
V
P-P noise performance enables a “rock
solid” reading. The auto-zero cycle ensures a zero
display reading with a 0V input.
The TC7116A and TC7117A feature a precision, low
drift internal reference, and are functionally identical to
the TC7116/TC7117. A low drift external reference is
not normally required with the TC7116A/TC7117A.
Package Code
Package
Temperature Range
CPL
40-Pin PDIP
0
C to +70C
IJL
40-Pin CERDIP
-25
C to +85C
CKW
44-Pin PQFP
0
C to +70C
CLW
44-Pin PLCC
0
C to +70C
3-1/2 Digit Analog-to-Digital Converters with Hold


Similar Part No. - TC7116A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116A TELCOM-TC7116A Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC7116A MICROCHIP-TC7116A Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116A MICROCHIP-TC7116A Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
logo
TelCom Semiconductor, I...
TC7116ACKW TELCOM-TC7116ACKW Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC7116ACKW MICROCHIP-TC7116ACKW Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
More results

Similar Description - TC7116A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com