Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 3 Page - Microchip Technology

  TC7126_13 Datasheet HTML 1Page - Microchip Technology TC7126_13 Datasheet HTML 2Page - Microchip Technology TC7126_13 Datasheet HTML 3Page - Microchip Technology TC7126_13 Datasheet HTML 4Page - Microchip Technology TC7126_13 Datasheet HTML 5Page - Microchip Technology TC7126_13 Datasheet HTML 6Page - Microchip Technology TC7126_13 Datasheet HTML 7Page - Microchip Technology TC7126_13 Datasheet HTML 8Page - Microchip Technology TC7126_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21458D-page 3
TC7126/A
Typical Application
VREF+
TC7126
TC7126A
33
34
240k
Ω
10k
Ω
31
29
39
38
40
VREF-
0.33
μF
0.1
μF
V-
OSC1
OSC3
OSC2
To Analog Common (Pin 32)
1 Conversion/Sec
COSC
560k
Ω
180k
Ω
0.15
μF
0.01
μF
Analog
Input
+
–
CREF-
CREF+
VIN+
VIN-
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
1
Segment
Drive
2–19
22–25
POL
BP
V+
Minus Sign
Backplane
28
50pF
LCD
1M
Ω
27
30
32
35
36
9V
+
ROSC
26
Note: Pin numbers refer to 40-pin DIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com