Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126A Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7126A
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126A Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7126A Datasheet HTML 4Page - Microchip Technology TC7126A Datasheet HTML 5Page - Microchip Technology TC7126A Datasheet HTML 6Page - Microchip Technology TC7126A Datasheet HTML 7Page - Microchip Technology TC7126A Datasheet HTML 8Page - Microchip Technology TC7126A Datasheet HTML 9Page - Microchip Technology TC7126A Datasheet HTML 10Page - Microchip Technology TC7126A Datasheet HTML 11Page - Microchip Technology TC7126A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TC7126/A
DS21458D-page 8
 2002-2012 Microchip Technology Inc.
34
(7)
CREF+A 0.1F capacitor is used in most applications. If a large Common mode voltage
exists (for example, the VIN- pin is not at analog common) and a 200mV scale is
used, a 1
F capacitor is recommended and will hold the rollover error to 0.5 count.
35
(6)
VREF-
See Pin 36.
36
(5)
VREF+
The analog input required to generate a full scale output (1999 counts). Place 100mV
between Pins 35 and 36 for 199.9mV full scale. Place 1V between Pins 35 and 36 for
2V full scale. See Section 6.6 “Reference Voltage Selection”, Reference Voltage
for additional information.
37
(4)
TEST
Lamp test. When pulled HIGH (to V+), all segments will be turned on and the display
should read -1888. It may also be used as a negative supply for externally
generated decimal points. See Section 7.4 “TEST (Pin 37)”, TEST for additional
information.
38
(3)
OSC3
See Pin 40.
39
(2)
OSC2
See Pin 40.
40
(1)
OSC1
Pins 40, 39 and 38 make up the oscillator section. For a 48kHz clock (3 readings,
39 per second), connect Pin 40 to the junction of a 180k
 resistor and a 50pF
capacitor. The 180k
 resistor is tied to Pin 39 and the 50pF capacitor is tied to
Pin 38.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-Pin PDIP)
Normal
(Reversed)
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com