Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSL01 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPSL01
Description  Amplifier Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPSL01 Datasheet(HTML) 3 Page - Motorola, Inc

  MPSL01 Datasheet HTML 1Page - Motorola, Inc MPSL01 Datasheet HTML 2Page - Motorola, Inc MPSL01 Datasheet HTML 3Page - Motorola, Inc MPSL01 Datasheet HTML 4Page - Motorola, Inc MPSL01 Datasheet HTML 5Page - Motorola, Inc MPSL01 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPSL01
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
500
TJ = 125°C
– 55
°C
25
°C
5.0
10
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
30
20
300
100
50
7.0
VCE = 1.0 V
VCE = 5.0 V
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
IC = 1.0 mA
0
0.3
0.005
0.01
0.2
0.5
1.0
2.0
20
50
0.8
0.5
0.4
0.9
0.7
0.6
0.2
0.02
0.05
0.1
10
0.1
10 mA
30 mA
100 mA
5.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com